Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 15 of 93
Pin No.
Mnemonic
Type
Description
C6, C7, D7, E8, F8, G7, H5, H7, K10
AGND
Ground
Analog Ground. These AGND pins connect to the
analog ground plane.
E5
AGND
Ground
Ground Reference for AVDD.
K4
AGND
Ground
Ground Reference for AVDD.
D4, E4, F4, G4
DGND
Ground
Digital Ground. These DGND pins connect to the
digital ground plane.
A1, C1, C2, H2
DGND
Ground
Digital Driver Ground. These DGND pins connect to
the digital driver ground plane.
Analog
A5, B5
VIN1+, VIN1−
Input
ADC 1 Analog Input True/Complement.
A6, B6
VIN2+, VIN2−
Input
ADC 2 Analog Input True/Complement.
A7, B7
VIN3+, VIN3−
Input
ADC 3 Analog Input True/Complement.
A8, B8
VIN4+, VIN4−
Input
ADC 4 Analog Input True/Complement.
A9, B9
VIN5+, VIN5−
Input
ADC 5 Analog Input True/Complement.
C9, C10
VIN6−, VIN6+
Input
ADC 6 Analog Input Complement/True.
D9, D10
VIN7−, VIN7+
Input
ADC 7 Analog Input Complement/True.
E9, E10
VIN8−, VIN8+
Input
ADC 8 Analog Input Complement/True.
F9, F10
VIN9−, VIN9+
Input
ADC 9 Analog Input Complement/True.
G9, G10
VIN10−, VIN10+
Input
ADC 10 Analog Input Complement/True.
H9, H10
VIN11−, VIN11+
Input
ADC 11 Analog Input Complement/True.
J9, K9
VIN12−, VIN12+
Input
ADC 12 Analog Input Complement/True.
J8, K8
VIN13−, VIN13+
Input
ADC 13 Analog Input Complement/True.
J7, K7
VIN14−, VIN14+
Input
ADC 14 Analog Input Complement/True.
J6, K6
VIN15−, VIN15+
Input
ADC 15 Analog Input Complement/True.
J5, K5
VIN16−, VIN16+
Input
ADC 16 Analog Input Complement/True.
J3, K3
CLK−, CLK+
Input
Clock Input Complement/True.
Digital Inputs
J2, K2
SYSREF−, SYSREF+
Input
Active High JESD204B LVDS/CML System Reference
Input Complement/True.
A2, A3
SYNCINB+, SYNCINB-
Input
Active Low JESD204B LVDS Sync Input
True/Complement.
H1, J1
TRIG+, TRIG−
Input
Trigger Input LVDS. These TRIG± pins can be left
floating if disabled.
Data Outputs
D1, D2
SERDOUT0−, SERDOUT0+
Output
Lane 0 Output Data Complement/True.
E1, E2
SERDOUT1−, SERDOUT1+
Output
Lane 1 Output Data Complement/True.
F1, F2
SERDOUT2−, SERDOUT2+
Output
Lane 2 Output Data Complement/True.
G1, G2
SERDOUT3−, SERDOUT3+
Output
Lane 3 Output Data Complement/True.
Digital Controls
C5
PD/STBY
Input
Power-Down Input (Active High). The operation of
the PD/STBY pin depends on the SPI mode and can
be configured as power-down or standby.
D5
RSTB
Input
Active Low Input for Device Reset.
A4
CSB
Input
SPI Chip Select (Active Low).
B4
SCLK
Input
SPI Serial Clock.
C4
SDIO
Input/output
SPI Serial Data Input/Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com