Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices AD9083BBCZ Datasheet HTML 22Page - Analog Devices AD9083BBCZ Datasheet HTML 23Page - Analog Devices AD9083BBCZ Datasheet HTML 24Page - Analog Devices AD9083BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 21 of 93
–40°C
+25°C
+110°C
FREQUENCY (Hz)
100k
1M
10M
100M
500M
–160
–156
–152
–148
–144
–140
–136
–132
–128
–124
–120
Figure 28. ADC NSD vs. Junction Temperature, 1 GSPS
–40°C
+25°C
+110°C
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–150
–146
–142
–138
–134
–130
–126
–122
–118
–114
–110
Figure 29. ADC NSD vs. Junction Temperature, 2 GSPS
SNR BW = 7.5MHz
SNR BW = 25MHz
SNR BW = 62.5MHz
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
50
55
60
65
70
75
80
85
90
95
100
Figure 30. ADC SNR vs. Junction Temperature, 1 GSPS
SNR BW = 15MHz
SNR BW = 50MHz
SNR BW = 125MHz
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
50
55
60
65
70
75
80
85
90
95
100
Figure 31. ADC SNR vs. Junction Temperature, 2 GSPS
TEMPERATURE (°C)
–40
–10
20
50
80
110
502.0
502.4
502.8
503.2
503.6
504.0
504.4
504.8
505.2
505.6
506.0
Figure 32. Reference Voltage vs. Junction Temperature
AVDD 1V
AVDD 1.8V
SAMPLE RATE (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0
50
100
150
200
250
300
350
400
450
500
Figure 33. Supply Current vs. Sample Rate (Digital Domain Currents Vary
with the DSP and JESD204B Setup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com