Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 10Page - Analog Devices AD9083BBCZ Datasheet HTML 11Page - Analog Devices AD9083BBCZ Datasheet HTML 12Page - Analog Devices AD9083BBCZ Datasheet HTML 13Page - Analog Devices AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 14 of 93
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1.0V SUPPLY
LEGEND:
1.8V SUPPLY
GROUND RETURN
ANALOG INPUT
DIGITAL INPUT
SERDES OUTPUT
DIGITAL CONTROLS
STATIC CONTROLS
DGND
1
SYNCINB+
2
SYNCINB–
3
CSB
4
VIN1+
5
VIN2+
6
VIN3+
7
VIN4+
8
VIN5+
9
DNC
10
DVDD1P8
DVDD1P8
DVDD
SCLK
VIN1–
VIN2–
VIN3–
VIN4–
VIN5–
TD
DGND
DGND
DVDD
SDIO
PD/STDBY
AGND
AGND
AVDD1P8
VIN6–
VIN6+
SEROUT0–
SEROUT0+
DVDD
DGND
RSTB
AVDD
AGND
AVDD1P8
VIN7–
VIN7+
SEROUT1–
SEROUT1+
DVDD
DGND
AGND
AVDD
AVDD
AGND
VIN8–
VIN8+
SEROUT2–
SEROUT2+
DVDD
DGND
AVDD
AVDD
AVDD
AGND
VIN9–
VIN9+
SEROUT3–
SEROUT3+
DVDD
DGND
VCOARSE_
VCO
AVDD
AGND
AVDD1P8
VIN10–
VIN10+
TRIG+
DGND
DVDD
REF_VCO
AGND
AVDD1P8
AGND
AVDD1P8
VIN11–
VIN11+
TRIG–
SYSREF–
CLK–
AVDD
VIN16–
VIN15–
VIN14–
VIN13–
VIN12–
RBIAS
DNC
A
B
C
D
E
F
G
H
J
K
SYSREF+
CLK+
AGND
VIN16+
VIN15+
VIN14+
VIN13+
VIN12+
AGND
AD9083
Figure 3. Pin Configuration
Table 17. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
Power Supplies
D6, E6, E7, F6, F7, G6
AVDD
Power
Analog Power Supply (1.0 V Nominal).
F5
AVDD
Power
Analog Power Supply for Clock (1.0 V Nominal).
J4
AVDD
Power
Analog Power Supply for Internal PLL (1.0 V Nominal).
C8, D8, G8, H6, H8
AVDD1P8
Power
Analog Power Supply (1.8 V Nominal).
D3, E3, F3, G3
DVDD
Power
Digital Power Supply (1.0 V Nominal).
B3, C3, H3
DVDD
Power
Digital Driver Power Supply (1.0 V Nominal).
B1
DVDD1P8
Power
Digital Driver Power Supply (1.8 V Nominal).
B2
DVDD1P8
Power
Digital Power Supply for I/O and SPI (1.8 V Nominal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com