Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 14Page - Analog Devices AD9083BBCZ Datasheet HTML 15Page - Analog Devices AD9083BBCZ Datasheet HTML 16Page - Analog Devices AD9083BBCZ Datasheet HTML 17Page - Analog Devices AD9083BBCZ Datasheet HTML 18Page - Analog Devices AD9083BBCZ Datasheet HTML 19Page - Analog Devices AD9083BBCZ Datasheet HTML 20Page - Analog Devices AD9083BBCZ Datasheet HTML 21Page - Analog Devices AD9083BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 18 of 93
HP DISABLED
HP ENABLED
FREQUENCY (Hz)
100k
1M
10M
100M
–160
–157
–154
–151
–148
–145
–142
–139
–136
–133
–130
Figure 10. ADC NSD with and Without EN_HP, 1 GSPS
HP DISABLED
HP ENABLED
FREQUENCY (Hz)
100k
1M
10M
100M
–160
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
Figure 11. ADC NSD with and Without EN_HP, 2 GSPS
VMAX = 0.5V
VMAX = 2.0V
FREQUENCY (Hz)
100k
1M
10M
100M
–155
–153
–151
–149
–147
–145
–143
–141
–139
–137
–135
Figure 12. ADC NSD at Minimum and Maximum VMAX Values, 1 GSPS
VMAX = 0.5V
VMAX = 2.0V
FREQUENCY (Hz)
200k
1M
10M
100M
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
–138
Figure 13. ADC NSD at Minimum and Maximum VMAX Values, 2 GSPS
NSD (–2dBFS SIGNAL)
NSD (NO SIGNAL)
FREQUENCY (Hz)
100k
1M
10M
100M
–160
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
Figure 14. ADC NSD with and Without Full-Scale Input Signal, 1 GSPS
NSD (–2dBFS SIGNAL)
NSD (NO SIGNAL)
FREQUENCY (Hz)
100k
1M
10M
100M
–160
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
Figure 15. ADC NSD with and Without Full-Scale Input Signal, 2 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com