Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 72Page - Analog Devices AD9083BBCZ Datasheet HTML 73Page - Analog Devices AD9083BBCZ Datasheet HTML 74Page - Analog Devices AD9083BBCZ Datasheet HTML 75Page - Analog Devices AD9083BBCZ Datasheet HTML 76Page - Analog Devices AD9083BBCZ Datasheet HTML 77Page - Analog Devices AD9083BBCZ Datasheet HTML 78Page - Analog Devices AD9083BBCZ Datasheet HTML 79Page - Analog Devices AD9083BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 76 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x27B JTX_CORE_SYNC_N_
SEL
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
JTX_SYNC_N_SEL
Decimal value to select the physical sync_n
source pin. Ignored when JTX_NUM_LINKS = 1.
0x0
R/W
0x27C JTX_CORE_13
[7:1]
RESERVED
Reserved.
0x0
R
0
JTX_LINK_EN
See JTX documentation.
0x0
R/W
0x27D JTX_TPL_CONFIG0
[7:3]
JTX_NS_CFG
Number of unique samples per converter in
conv_sample.
0x0
R/W
2
JTX_TPL_CONV_
ASYNCHRONOUS
Expect link_pclk asynchronous to conv_clk. This
will increase the delay for the domain handoff
buffer in fixed latency mode. The increased delay
may require setting the
JTX_TPL_ASYNC_SUPPORT parameter.
0x0
R/W
1
JTX_TPL_TEST_ENABLE
Enable long transport layer test.
0x0
R/W
0
JTX_TPL_ADAPTIVE_LATENCY
Enable adaptive latency mode. Default should be
0.
0x0
R/W
0x27E JTX_TPL_CONFIG1
7
JTX_TPL_SYSREF_IGNORE_
WHEN_LINKED
Mask incoming SYSREF when SYNC~ is de-
asserted. Applies to 204B operation only.
0x0
R/W
6
JTX_TPL_SYSREF_CLR_
PHASE_ERR
Clear jtx_tpl_SYSREF_phase_err.
0x0
R/W
5
JTX_TPL_SYSREF_MASK
Mask any incoming SYSREF to 0.
0x0
R/W
[4:3]
RESERVED
Reserved.
0x0
R
2
JTX_TPL_SYSREF_PHASE_ERR Incoming SYSREF has been registered at an
unexpected time from the previously established
SYSREF phase.
0x0
R
1
JTX_TPL_SYSREF_RCVD
SYSREF phase has been established.
0x0
R
0
RESERVED
Reserved
0x0
R
0x27F JTX_TPL_LATENCY_
ADJUST
[7:0]
JTX_TPL_LATENCY_ADJUST
Add additional conv_clk cycles of latency (for
both latency modes). Useful in adaptive latency
mode to get a wider adaptable range.
0x0
R/W
0x280 JTX_TPL_PHASE_
ADJUST0
[7:0]
JTX_TPL_PHASE_ADJUST[7:0] Output LMFC phase adjustment in conv_clk
cycles. Maximum value is k*s/ns-1.
0x0
R/W
0x281 JTX_TPL_PHASE_
ADJUST1
[7:0]
JTX_TPL_PHASE_
ADJUST[15:8]
Output LMFC phase adjustment in conv_clk
cycles. Maximum value is k*s/ns-1.
0x0
R/W
0x282 JTX_TPL_TEST_NUM_
FRAMES0
[7:0]
JTX_TPL_TEST_NUM_
FRAMES_M1[7:0]
Number of frames (minus 1) in the long transport
layer test pattern.
0x0
R/W
0x283 JTX_TPL_TEST_NUM_
FRAMES1
[7:0]
JTX_TPL_TEST_NUM_
FRAMES_M1[15:8]
Number of frames (minus 1) in the long transport
layer test pattern.
0x0
R/W
0x284 JTX_TPL_SYSREF_N_
SHOT
[7:5]
RESERVED
Reserved.
0x0
R
4
JTX_TPL_SYSREF_N_SHOT_EN
ABLE
Mask all incoming SYSREF pulses except the Nth
pulse specified by the n_shot_count. Disabling
this will cause all SYSREF pulses to be sampled
(continuous mode) and reset the n_shot counter.
0x0
R/W
[3:0]
JTX_TPL_SYSREF_N_SHOT_C
OUNT
Mask all incoming SYSREF pulses except the Nth
pulse where N is the value programmed + 1.
Only used when n_shot_enable is high.
0x0
R/W
0x285 JTX_TPL_BUF_FRAMES [7:0]
JTX_TPL_BUF_FRAMES
Frame delay through transport layer buffer.
0x0
R
0x286 JTX_L0_DID
[7:0]
JTX_DID_CFG
Device (= link) identification no.
0x0
R/W
0x287 JTX_L0_ADJCNT_BID
[7:4]
JTX_ADJCNT_CFG
Number of adjustment resolution steps to adjust
DAC LMFC. Applies to Subclass 2 operation only.
0x0
R/W
[3:0]
JTX_BID_CFG
Bank ID Extension to DID.
0x0
R/W
[4:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com