Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 58Page - Analog Devices AD9083BBCZ Datasheet HTML 59Page - Analog Devices AD9083BBCZ Datasheet HTML 60Page - Analog Devices AD9083BBCZ Datasheet HTML 61Page - Analog Devices AD9083BBCZ Datasheet HTML 62Page - Analog Devices AD9083BBCZ Datasheet HTML 63Page - Analog Devices AD9083BBCZ Datasheet HTML 64Page - Analog Devices AD9083BBCZ Datasheet HTML 65Page - Analog Devices AD9083BBCZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
AD9083
Data Sheet
Rev. 0 | Page 62 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x0A
CHIP_SCRATCH
[7:0]
CHIP_SCRATCH
Chip Scratchpad Register. This register is used to
provide a consistent memory location for
software debug.
0x0
R/W
0x0C
VENDOR_ID_LSB
[7:0]
CHIP_VENDOR_ID[7:0]
Vendor ID.
0x56
R
0x0D
VENDOR_ID_MSB
[7:0]
CHIP_VENDOR_ID[15:8]
Vendor ID.
0x4
R
0x20
PORB_STAT
7
RESERVED
Reserved.
0x0
R
6
PORB_VDDSYNTH_JTX_PLL_1
P0
PORb Status of JESD PLL 1.0 V VDD.
0x0
R
5
PORB_VDDPHY_SER_1P0
PORb Status of JESD SER PHY 1.0 V VDD.
0x0
R
4
PORB_VDDLDO_JTX_PLL_
1P8
PORb Status of JESD PLL (LDO) 1.8 V VDD.
0x0
R
3
PORB_VDDCP_JTX_PLL_1P0
PORb Status of JESD PLL 1.0 V VDD.
0x0
R
2
PORB_VDD_SYNCRX_1P8
PORb Status for SYNCRX I/O VDD 1.8V.
0x0
R
1
PORB_VDD_DIG_1P0
PORb Status of Digital 1.0 V VDD and Digital I/O
1.8 V VDD.
0x0
R
0
PORB_VDD_ANA
Status of VDD Domains in ADC, CLKTOP, on-chip
PLL, and TOPREF.
0x0
R
0x21
PORB_MASK_RESET
[7:1]
RESERVED
Reserved.
0x0
R
0
PORB_IGNORE
Controls Whether or Not to Gate Internal Resets
with PORb.
0x0
R/W
0x24
BLOCK_RESET
[7:6]
RESERVED
Reserved.
0x0
R
5
DIG_DP_JTX_RESET
Resets the DIG Datapath and JTX.
1: Assert Reset.
0: De-Assert Reset
0x0
R/W
4
JTX_PLL_RESET
Reset the JTX_PLL.
1: Assert Reset.
0: De-Assert Reset.
0x0
R/W
3
JTXPHY_RESET
Reset the SER PHY.
1: Assert Reset.
0: De-Assert Reset.
0x0
R/W
2
TOPREF_RESET
Reset the TOP REF.
1: Assert Reset.
0: De-Assert Reset.
0x0
R/W
1
CLKTOP_RESET
Reset the CLK TOP.
1: Assert Reset.
0: De-Assert Reset.
0x0
R/W
0
ADC_RESET
Reset the ADCs.
1: Assert Reset.
0: De-Assert Reset.
0x0
R/W
0x30
LOW_PWR_PIN_CTRL
[7:6]
RESERVED
Reserved.
0x0
R
5
JTXPHY_PIN_CTRL
For JTXPHY.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W
4
JTX_PIN_CTRL
For JTX.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W
3
DIG_DP_PIN_CTRL
For DIG DP.
1: PD Pin and MASK Bit Control
0: CONFIG Bit Programming Control
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com