Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 81Page - Analog Devices AD9083BBCZ Datasheet HTML 82Page - Analog Devices AD9083BBCZ Datasheet HTML 83Page - Analog Devices AD9083BBCZ Datasheet HTML 84Page - Analog Devices AD9083BBCZ Datasheet HTML 85Page - Analog Devices AD9083BBCZ Datasheet HTML 86Page - Analog Devices AD9083BBCZ Datasheet HTML 87Page - Analog Devices AD9083BBCZ Datasheet HTML 88Page - Analog Devices AD9083BBCZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 85 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x521 CBUS_WDATA
[7:0]
CBUS_WDATA_JTX_PLL_RC
Control Bus data,. Control Bus data, channel
selected with cbus_wstrobe_ser signal
0x0
R/W
0x522 CBUS_RDATA
[7:0]
CBUS_RDATA_JTX_PLL_RS
Read back bus, channel selected bwith
cbus_ren_ser.
0x0
R
0x523 REFCLK_CTRL
7
RESERVED
Reserved.
0x0
R
[6:3]
SEL_REFCLK_RCVR_CM_CTRL Synca for refclk.
0x0
R/W
2
SEL_REFCLK_RCVR_LP_MODE
_RC
Synca for refclk.
0x0
R/W
1
SEL_SYNCA_FOR_REFCLK_RC Synca for refclk.
0x0
R/W
0
EN_REFCLK_RCVR_RC
Synca for refclk.
0x1
R/W
0x524 JTX_PLL_REV_ID_RS
[7:0]
JTX_PLL_REV_ID_RS
Read back bus, channel selected bwith
cbus_ren_ser.
0x0
R
0xB90 POWER_DOWN_REG
7
EN_CAL_ANA
Enable Calibration Analog Blocks, Set to 0 for
Power-down.
0x0
R/W
6
EN_CAL_CLK
Enable Calibration Clock and Digital Blocks, Set
to 0 for Power-down.
0x0
R/W
5
EN_34
Enable Additional Two Signal Channels for 3dB
Noise Improvement.
0x0
R/W
[4:3]
PIN_PD_MODE
Power down mode.
0x0
R/W
00: power down pin disabled.
01: power down pin disables clock path only.
10: power down pin disables adc clock and vti
bias.
11: power down pin disables adc clock, vti bias
and adc masterbias block.
2
EN_BIAS
Enable for Adc Bias Block, Set to 0 for Power-
down.
0x0
R/W
1
EN_ADCCLK
Enable Channel I Adc Clock, Set to 0 for Power-
down.
0x0
R/W
0
EN_VTI
Enable Channel I Analog Front End, Set to 0 for
Power-down.
0x0
R/W
0xB91 ENABLE_CH7_0_REG
7
EN_ADC7
Enable for Channel 7 Adc Clock.
0x0
R/W
6
EN_ADC6
Enable for Channel 6 Adc Clock.
0x0
R/W
5
EN_ADC5
Enable for Channel 5 Adc Clock.
0x0
R/W
4
EN_ADC4
Enable for Channel 4 Adc Clock.
0x0
R/W
3
EN_ADC3
Enable for Channel 3 Adc Clock.
0x0
R/W
2
EN_ADC2
Enable for Channel 2 Adc Clock.
0x0
R/W
1
EN_ADC1
Enable for Channel 1 Adc Clock.
0x0
R/W
0
EN_ADC0
Enable for Channel 0 Adc Clock.
0x0
R/W
0xB92 ENABLE_CH15_8_REG
7
EN_ADC15
Enable for Channel 15 Adc Clock.
0x0
R/W
6
EN_ADC14
Enable for Channel 14 Adc Clock.
0x0
R/W
5
EN_ADC13
Enable for Channel 13 Adc Clock.
0x0
R/W
4
EN_ADC12
Enable for Channel 12 Adc Clock.
0x0
R/W
3
EN_ADC11
Enable for Channel 11 Adc Clock.
0x0
R/W
2
EN_ADC10
Enable for Channel 10 Adc Clock.
0x0
R/W
1
EN_ADC9
Enable for Channel 9 Adc Clock.
0x0
R/W
0
EN_ADC8
Enable for Channel 8 Adc Clock.
0x0
R/W
0xB94 VTI_GAIN_REG
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
BGAIN
Bgain Adjustment.
0x0
R/W
0xB95 VTI_LPF_CAP_REG
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
BCAP
Bcap Adjustment.
0x0
R/W
0xB99 DITHER_DAC_
CURRENT1_REG
[7:0]
BDITHDAC1
Bdither DAC1.
0x0
R/W
0xB9A DITHER_DAC_
CURRENT2_REG
[7:0]
BDITHDAC2
Bdither DAC2.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com