Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9083BBCZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9083BBCZ
Description  16-Channel, 125 MHz Bandwidth, JESD204B Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9083BBCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9083BBCZ Datasheet HTML 63Page - Analog Devices AD9083BBCZ Datasheet HTML 64Page - Analog Devices AD9083BBCZ Datasheet HTML 65Page - Analog Devices AD9083BBCZ Datasheet HTML 66Page - Analog Devices AD9083BBCZ Datasheet HTML 67Page - Analog Devices AD9083BBCZ Datasheet HTML 68Page - Analog Devices AD9083BBCZ Datasheet HTML 69Page - Analog Devices AD9083BBCZ Datasheet HTML 70Page - Analog Devices AD9083BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
Data Sheet
AD9083
Rev. 0 | Page 67 of 93
Addr.
Name
Bits
Bit Name
Description
Reset Access
0x18A OUT_FORMAT_SEL
[7:3]
RESERVED
Reserved.
0x0
R
2
DFORMAT_INV
Output Data Inversion Enable. Digital ADC
Sample Invert
0: ADC sample data is NOT inverted
1: ADC sample data is inverted
0x0
R/W
[1:0]
DFORMAT_SEL
Output Data Format Selection.
0x0
R/W
00: 2'Complement.
01: Offset Binary.
10: Gray Code.
0x18B CTRL_0_1_SEL
[7:4]
DFORMAT_CTRL_BIT_1_SEL
Control Bit 1 Mux Selection.
0x0
R/W
00: Overrange Bit.
01: SYSREF.
[3:0]
DFORMAT_CTRL_BIT_0_SEL
Control Bit 0 Mux Selection.
0x0
R/W
00: Overrange Bit.
01: SYSREF.
0x18C CTRL_2_SEL
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
DFORMAT_CTRL_BIT_2_SEL
Control Bit 2 Mux Selection.
0x0
R/W
00: Overrange Bit.
01: SYSREF.
0x18D OVR_CLR_0
[7:0]
DFORMAT_OVR_CLR[7:0]
Overrange Status Clear. Converter overrange
clear bit (active high).
After an overrange sticky bit is set,
it remains set until explicitly cleared by writing a
1 to the corresponding DFORMAT_OVR_CLR bit.
The DFORMAT_OVR_CLEAR[95:0] bits must be
cleared for further overrange to be reported .
[0] = Overrange sticky bit clear for Converter 0
[1] = Overrange sticky bit clear for Converter 1
[2] = Overrange sticky bit clear for Converter 2
and so on.
0x0
R/W
0x18E OVR_CLR_1
[7:0]
DFORMAT_OVR_CLR[15:8]
Overrange Status Clear. Converter overrange
clear bit (active high).
After an overrange sticky bit is set,
it remains set until explicitly cleared by writing a
1 to the corresponding DFORMAT_OVR_CLR bit.
The DFORMAT_OVR_CLEAR[95:0] bits must be
cleared for further overrange to be reported .
[0] = Overrange sticky bit clear for Converter 0
[1] = Overrange sticky bit clear for Converter 1
[2] = Overrange sticky bit clear for Converter 2
and so on.
0x0
R/W
0x18F OVR_CLR_2
[7:0]
DFORMAT_OVR_CLR[23:16]
Overrange Status Clear. Converter overrange
clear bit (active high).
After an overrange sticky bit is set,
it remains set until explicitly cleared by writing a
1 to the corresponding DFORMAT_OVR_CLR bit.
The DFORMAT_OVR_CLEAR[95:0] bits must be
cleared for further overrange to be reported .
[0] = Overrange sticky bit clear for Converter 0
[1] = Overrange sticky bit clear for Converter 1
[2] = Overrange sticky bit clear for Converter 2
and so on.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com