Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 141 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 141 Page - NEC

Back Button VR4102 Datasheet HTML 137Page - NEC VR4102 Datasheet HTML 138Page - NEC VR4102 Datasheet HTML 139Page - NEC VR4102 Datasheet HTML 140Page - NEC VR4102 Datasheet HTML 141Page - NEC VR4102 Datasheet HTML 142Page - NEC VR4102 Datasheet HTML 143Page - NEC VR4102 Datasheet HTML 144Page - NEC VR4102 Datasheet HTML 145Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
141
5.4 SYSTEM CONTROL COPROCESSOR
The System Control Coprocessor (CP0) is implemented as an integral part of the CPU, and supports memory
management, address translation, exception handling, and other privileged operations. CP0 contains the registers
shown in Figure 5-9 plus a 32-entry TLB. The sections that follow describe how the processor uses each of the
memory management-related registers.
Remark
Each CP0 register has a unique number that identifies it; this number is referred to as the register
number. See Chapter 1 for details. Also see Chapter 6 for the CP0 functions and the relationships
between exception processing and registers.
Figure 5-9. CP0 Registers and the TLB
31
0
Remark
TLB
(Safe entries)
(See Random register for the
TLB Wired boundary.)
127/255
0
EntryHi
10*
EntryLo0
2*
Index
0*
Context
4*
BadVAddr
8*
Compare
11*
Count
9*
Random
1*
EntryLo1
3*
PageMask
5*
Status
12*
Cause
13*
WatchLo
18*
EPC
14*
Wired
6*
PRId
15*
WatchHi
19*
XContext
20*
ErrorEPC
30*
Cache Error
27*
Parity Error
26*
LLAddr
17*
TagLo
28*
TagHi
29*
Config
16*
*: Register number
Used for memory management
Used for exception processing
Caution
When accessing the CP0 register, some instructions require consideration of the interval time
until the next instruction is executed, because it takes a while from when the contents of the
CP0 register change to when this change is reflected on the CPU operation. This time lag is
called CP0 hazard. For details, see Chapter 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com