Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 144 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 144 Page - NEC

Back Button VR4102 Datasheet HTML 140Page - NEC VR4102 Datasheet HTML 141Page - NEC VR4102 Datasheet HTML 142Page - NEC VR4102 Datasheet HTML 143Page - NEC VR4102 Datasheet HTML 144Page - NEC VR4102 Datasheet HTML 145Page - NEC VR4102 Datasheet HTML 146Page - NEC VR4102 Datasheet HTML 147Page - NEC VR4102 Datasheet HTML 148Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
144
Figure 5-11. Format of a TLB Entry (2/2)
(c) EntryLo0 and EntryLo1 Registers
27
28
EntryLo1
EntryLo0
EntryLo1
EntryLo0
22
4
0
31
5
6
3
2
1
0
PFN
C
D
V
G
1
3
1
1
27
28
22
4
0
31
5
6
3
2
1
0
PFN
C
D
V
G
1
3
1
1
(a) 32-bit mode
(b) 64-bit mode
27
28
22
36
0
63
5
6
3
2
1
0
PFN
C
D
V
G
1
3
1
1
27
28
22
36
0
63
5
6
3
2
1
0
PFN
C
D
V
G
1
3
1
1
PFN : Page frame number; high-order bits of the physical address.
C
: Specifies the TLB page attribute.
D
: Dirty. If this bit is set to 1, the page is marked as dirty and, therefore, writable. This bit is actually a
write-protect bit that software can use to prevent alteration of data.
V
: Valid. If this bit is set to 1, it indicates that the TLB entry is valid; otherwise, a TLB Invalid exception
(TLBL or TLBS) occurs.
G
: Global. If this bit is set in both EntryLo0 and EntryLo1, then the processor ignores the ASID during TLB
lookup.
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.
The coherency attribute (C) bits are used to specify whether to use the cache in referencing a page. When the
cache is used, whether the page attribute is “cached” or “uncached” is selected by algorithm.
Table 5-13 lists the page attributes selected according to the value in the C bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com