Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 146 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 146 Page - NEC

Back Button VR4102 Datasheet HTML 142Page - NEC VR4102 Datasheet HTML 143Page - NEC VR4102 Datasheet HTML 144Page - NEC VR4102 Datasheet HTML 145Page - NEC VR4102 Datasheet HTML 146Page - NEC VR4102 Datasheet HTML 147Page - NEC VR4102 Datasheet HTML 148Page - NEC VR4102 Datasheet HTML 149Page - NEC VR4102 Datasheet HTML 150Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
146
5.5 CP0 REGISTERS
The CP0 registers explained below are accessed by the memory management system and software.
A
parenthesized number that follows each register name is a register number.
5.5.1 Index Register (0)
The Index register is a 32-bit, read/write register containing five bits to index an entry in the TLB. The most-
significant bit of the register shows the success or failure of a TLB probe (TLBP) instruction.
The Index register also specifies the TLB entry affected by TLB read (TLBR) or TLB write index (TLBWI)
instructions.
Figure 5-12. Index Register
4
5
30
0
31
P
0
Index
1
26
5
P
: Indicates whether probing is successful or not. It is set to 1 if the latest TLBP instruction fails. It is
cleared to 0 when the TLBP instruction is successful.
Index : Specifies an index to a TLB entry that is a target of the TLBR or TLBWI instruction.
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.
5.5.2 Random Register (1)
The Random register is a read-only register. The low-order 5 bits are used in referencing a TLB entry. This
register is decremented each time an instruction is executed. The values that can be set in the register are as
follows:
— The lower bound is the content of the Wired register.
— The upper bound is 31.
The Random register specifies the entry in the TLB that is affected by the TLBWR instruction. The register is
readable to verify proper operation of the processor.
The Random register is set to the value of the upper bound upon Cold Reset. This register is also set to the
upper bound when the Wired register is written. Figure 5-13 shows the format of the Random register.
Figure 5-13. Random Register
4
5
0
31
0
Random
27
5
Random : TLB random index
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com