Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 150 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 150 Page - NEC

Back Button VR4102 Datasheet HTML 146Page - NEC VR4102 Datasheet HTML 147Page - NEC VR4102 Datasheet HTML 148Page - NEC VR4102 Datasheet HTML 149Page - NEC VR4102 Datasheet HTML 150Page - NEC VR4102 Datasheet HTML 151Page - NEC VR4102 Datasheet HTML 152Page - NEC VR4102 Datasheet HTML 153Page - NEC VR4102 Datasheet HTML 154Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
150
5.5.6 Config Register (16)
The Config register indicates and specifies various configuration options selected on VR4102 processors.
Some configuration options, as defined by the EC and BE fields, are set by the hardware during Cold Reset and
are included in the Config register as read-only status bits for the software to access. Other configuration options
(AD, EP, and K0 fields) can be read/written and controlled by software; on Cold Reset these fields are undefined.
Since only a subset of the VR4000 options are available in the VR4102, some bits are set to constants (e.g., bits
14:13) that were variable in the VR4000. The Config register should be initialized by software before caches are
used. Figure 5-17 shows the format of the Config register.
Figure 5-17. Config Register Format
1
1
1
23
5
1
1
22
17
18
15
16
14
1
3
4
28
30
24
27
31
0
EC
EP
AD
0
1
0
BE
1
1
13
0
1
12
CS
3
11
9
IC
3
8
6
DC
3
5
3
0
3
2
0
K0
EC : System interface clock ratio (read only)
000
o Processor clock frequency divided by 2
Others
o Reserved
EP : Transfer data pattern (cache write-back pattern)
0000
o DD: 1 word/1 cycle
Others
o Reserved
AD : Accelerate data mode setting
0
o VR4000 Series compatible mode
1
o Reserved
BE : BigEndianMem. Indicates endian.
0
o Little endian
1
o Reserved
CS : Cache size mode indication
0
o Reserved
1
o Cache of small capacity
IC : Instruction cache size indication. The size is 2
(10+IC) bytes when CS bit is set to 1.
2
o 4 Kbytes
Others
o Reserved
DC : Data cache size indication. The size is 2
(10+DC) bytes when CS bit is set to 1.
0
o 1 Kbytes
Others
o Reserved
K0 : kseg0 cache coherency algorithm
010
o Uncached
Others
o Cached
1: 1 is returned when it is read.
0: 0 is returned when it is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com