Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 153 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 153 Page - NEC

Back Button VR4102 Datasheet HTML 149Page - NEC VR4102 Datasheet HTML 150Page - NEC VR4102 Datasheet HTML 151Page - NEC VR4102 Datasheet HTML 152Page - NEC VR4102 Datasheet HTML 153Page - NEC VR4102 Datasheet HTML 154Page - NEC VR4102 Datasheet HTML 155Page - NEC VR4102 Datasheet HTML 156Page - NEC VR4102 Datasheet HTML 157Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
153
5.5.9 Virtual-to-Physical Address Translation
During virtual-to-physical address translation, the CPU compares the 8-bit ASID (and while the Global bit, G, is
not set to 1) of the virtual address to the ASID of the TLB entry to see if there is a match. One of the following
comparisons are also made:
— In 32-bit mode, the high-order bitsNote of the 32-bit virtual address are compared to the contents of the VPN2
(virtual page number divided by two) of each TLB entry.
— In 64-bit mode, the high-order bitsNote of the 64-bit virtual address are compared to the contents of the R and
the VPN2 (virtual page number divided by two) of each TLB entry.
If a TLB entry matches, the physical address and access control bits (C, D, and V) are retrieved from the
matching TLB entry. While the V bit of the entry must be set to 1 for a valid address translation to take place, it is
not involved in the determination of a matching TLB entry.
Figure 5-20 illustrates the TLB address translation flow.
Note The number of bits differs from page sizes. The table below shows the examples of high-order bits of the
virtual address in page size of 256 Kbytes and 1 Kbytes.
Page size
Mode
256 Kbytes
1 Kbytes
32-bit mode
bits 31 to 19
bits 31 to 11
64-bit mode
bits 63, 62, 39 to 19
bits 63, 62, 39 to 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com