Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 152 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 152 Page - NEC

Back Button VR4102 Datasheet HTML 148Page - NEC VR4102 Datasheet HTML 149Page - NEC VR4102 Datasheet HTML 150Page - NEC VR4102 Datasheet HTML 151Page - NEC VR4102 Datasheet HTML 152Page - NEC VR4102 Datasheet HTML 153Page - NEC VR4102 Datasheet HTML 154Page - NEC VR4102 Datasheet HTML 155Page - NEC VR4102 Datasheet HTML 156Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
152
5.5.8 Cache Tag Registers (TagLo (28) and TagHi (29))
The TagLo and TagHi registers are 32-bit read/write registers that hold the primary cache tag and parity during
cache initialization, cache diagnostics, or cache error processing. The Tag registers are written by the CACHE and
MTC0 instructions.
The P fields of these registers are ignored on Index Store Tag operations by the CACHE instruction. Parity is
computed by the store operation. Figure 5-19 shows the format of these registers.
Figure 5-19. TagLo and TagHi Registers
22
0
31
10
9
8
7
1
2
6
PTagLo
V
D
W
0
W
’ P
1
1
1
1
1
5
22
0
31
10
9
8
1
PTagLo
V
0
P
1
1
8
0
31
0
32
Instruction
cache
Data cache
Tag Hi
PTagLo: Specifies physical address bits 31 to 10.
V
: Valid bit
D
: Dirty bit. However, this bit is defined only for the compatibility with the VR4000 Series processors,
and does not indicate the status of cache memory in spite of its readability and writability. This bit
cannot change the status of cache memory.
W
: Write-back bit (set if cache line has been updated)
W’
: Even parity for the write-back bit
P
: Even parity bit for primary cache tag
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com