Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 35Page - Dialog Semiconductor AT25QL641 Datasheet HTML 36Page - Dialog Semiconductor AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor AT25QL641 Datasheet HTML 38Page - Dialog Semiconductor AT25QL641 Datasheet HTML 39Page - Dialog Semiconductor AT25QL641 Datasheet HTML 40Page - Dialog Semiconductor AT25QL641 Datasheet HTML 41Page - Dialog Semiconductor AT25QL641 Datasheet HTML 42Page - Dialog Semiconductor AT25QL641 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
38
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-34. Erase Suspend Instruction (QPI Mode)
7.22
Erase / Program Resume (7Ah)
The Erase/Program Resume instruction “7Ah” is to restart the Block Erase operation or the Page Program operation
upon an Erase/Program Suspend. The Resume instruction “7Ah” is accepted by the device only if the SUS bit in the
Status Register equals to 1 and the BUSY bit equals to 0. After the instruction is issued, the SUS bit is cleared
immediately, the BUSY bit is set within 200 ns, and the block completes the erase operation, or the page completes the
program operation. If the SUS bit equals to 0 or the BUSY bit equals 1, the Resume instruction “7Ah” is ignored by the
device.
Resume instruction cannot be accepted if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend instruction not to be issued within a
minimum of time of “t
SUS” following a previous Resume instruction. Refer to Figure 7-35 and Figure 7-36 below.
Figure 7-35. Erase / Program Resume Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com