Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor AT25QL641 Datasheet HTML 21Page - Dialog Semiconductor AT25QL641 Datasheet HTML 22Page - Dialog Semiconductor AT25QL641 Datasheet HTML 23Page - Dialog Semiconductor AT25QL641 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
19
AT25QL641
DS-25QL641–130E–10/2018
Enable for Volatile Status Register (50h) is set in QPI Mode, the SUS bit (S15) and Reserved bits (S13, S12, S11 and
S10) of Status Register-2 must be driven to high after Write Status Register instruction (01h). Once Read Status Register
(05h or 35h) is issued the read values of SUS bit (S15) and Reserved bits (S13, S12, S11 and S10) of the Status
Register-2 are ignored.
Figure 7-2.
Write Enable for Volatile Status Register Instruction for SPI Mode (left) and QPI Mode (right)
7.4
Write Disable (04h)
The Write Disable instruction is used to reset the Write Enable Latch (WEL) bit in the Status Register. To enter the Write
Disable instruction, CS goes low prior to the instruction “04h” into Data Input (SI) pin on the rising edge of SCK, and then
driving CS high. T h e WEL bit is automatically reset write- disable status of “0” after power-up and upon completion of the
every Program, Erase and Write Status Register instructions.
Figure 7-3.
Write Disable Instruction for SPI Mode (left) and QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com