Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 54 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 54 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor AT25QL641 Datasheet HTML 55Page - Dialog Semiconductor AT25QL641 Datasheet HTML 56Page - Dialog Semiconductor AT25QL641 Datasheet HTML 57Page - Dialog Semiconductor AT25QL641 Datasheet HTML 58Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
53
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-58. Read SFDP Register Instruction
Table 7-9.
SFDP Signature and Headers
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)
SFDP Signature
00h
07:00
0101 0011
53h
01h
15:08
0100 0110
46h
02h
23:16
0100 0100
44h
03h
31:24
0101 0110
50h
SFDP Minor Revision
Start from 00h
04h
07:00
0000 0110
06h
SFDP Major Revision
Start from 01h
05h
15:08
0000 0001
01h
Number of Parameters
Headers
Start from 00h
06h
23:16
0000 0001
01h
Reserved
FFh
07h
31:24
1111 1111
FFh
JEDEC Parameter ID (LSB)
JEDEC Parameter ID
(LSB) = 00H
08h
07:00
0000 0000
00h
Parameter Table Minor
Revision
Start from 00h
09h
15:08
0000 0110
06h
Parameter Table Major
Revision
Start from 01h
0Ah
23:16
0000 0001
01h
Parameter Table Length
(double words)
How many DWORDs in
the parameter table
0Bh
31:24
0001 0000
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com