Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 51 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 51 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 47Page - Dialog Semiconductor AT25QL641 Datasheet HTML 48Page - Dialog Semiconductor AT25QL641 Datasheet HTML 49Page - Dialog Semiconductor AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor AT25QL641 Datasheet HTML 55Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
50
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-54. Burst Read with Wrap instruction (QPI Mode, 133 MHz)
7.34
Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read frequency or
minimum data access latency, t h e ‘Set Read Parameters’ (C0h) instruction can be used to configure the number of
dummy clocks for ‘Fast Read’ (0Bh), ‘Fast Read Quad I/O’ (EBh) and ‘Burst Read with Wrap’ (0Ch) instructions, and
to configure the number of bytes of “Wrap Length” for the ‘Burst Read with Wrap’ (0Ch) instruction.
In Standard SPI mode, the ‘Set Read Parameters’ (C0h) instruction is not accepted. The dummy clocks for various ‘Fast
Read’ instructions in Standard/Dual/Quad SPI mode are fixed, please refer to the instruction. The “Wrap Length” is set
by W6-5 bit in the “Set Burst with Wrap (77h)” instruction. This setting remains unchanged when the device is switched
from Standard SPI mode to QPI mode.
The default “Wrap Length” after a power up or a ‘Reset’ instruction is 8 bytes, the default number of dummy clocks is 4.
When the Set Read Parameters instruction is executed, an 8-bit value (P7-P0) is transferred to the memory. Within this 8-bit
value, bits P5-P4 are used to set the number of dummy clocks and the maximum read frequency as shown in Table 7-7. The
P1-P0 bits are used to set the wrap length as shown in Table 7-8. All other bits are unused.
Table 7-7.
Encoding of P[5:4] Bits
P5, P4
Dummy
Clocks
Maximum
Read Frequency
00
4
80 MHz
01
4
80 MHz
10
6
104 MHz
11
8
133 MHz
Table 7-8.
Encoding of P[1:0] Bits
P1, P0
Wrap Length
0 0
8-byte
0 1
16-byte
1 0
32-byte
1 1
64-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com