Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 44Page - Dialog Semiconductor AT25QL641 Datasheet HTML 45Page - Dialog Semiconductor AT25QL641 Datasheet HTML 46Page - Dialog Semiconductor AT25QL641 Datasheet HTML 47Page - Dialog Semiconductor AT25QL641 Datasheet HTML 48Page - Dialog Semiconductor AT25QL641 Datasheet HTML 49Page - Dialog Semiconductor AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
47
AT25QL641
DS-25QL641–130E–10/2018
7.31
Word Read Quad I/O (E7h)
The Quad I/O dramatically reduces instruction overhead allowing faster random access for code execution (XiP) directly
from the Quad SPI. The Quad Enable bit (QE) of Status Register-2 must be set to enable the Word Read Quad I/O
instruction. The lowest Address bit (A0) must equal 0 and only two dummy clocks are required prior to the data output.
Continuous Read Mode
The Word Read Quad I/O instruction can further reduce instruction overhead through setting the “Continuous Read
Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 7-50. The upper nibble of the (M7-4)
controls the length of the next ‘ Word Read Quad I/O’ instruction through the inclusion or exclusion of the first byte
instruction code. The lower nibble bits of the (M[3:0]) are don’t care (“X”). However, the I/O pins should be high-
impedance prior to the falling edge of the first data out clock.
If the continuous read mode bits M[7-4] = Ah, then the next ‘Fast Read Quad I/O’ instruction (after CS is raised and then
lowered) does not require the E7h instruction code, as shown in Figure 7-51. This reduces the instruction sequence by
eight clocks and allows the Read address to be immediately entered after CS is asserted low. If the continuous read
mode bits M[7:4] do not equal to Ah (1010), the next instruction (after CS is raised and then lowered) requires the first
byte instruction code, thus returning to normal operation.
Figure 7-50. Word Read Quad I/O Instruction (Initial instruction or previous set M7-0 ≠ Axh, SPI Mode)
Figure 7-51. Word Read Quad I/O Instruction (Previous instruction set M7-0 = Axh, SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com