Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 29Page - Dialog Semiconductor AT25QL641 Datasheet HTML 30Page - Dialog Semiconductor AT25QL641 Datasheet HTML 31Page - Dialog Semiconductor AT25QL641 Datasheet HTML 32Page - Dialog Semiconductor AT25QL641 Datasheet HTML 33Page - Dialog Semiconductor AT25QL641 Datasheet HTML 34Page - Dialog Semiconductor AT25QL641 Datasheet HTML 35Page - Dialog Semiconductor AT25QL641 Datasheet HTML 36Page - Dialog Semiconductor AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
32
AT25QL641
DS-25QL641–130E–10/2018
7.16
Quad Page Program (33h)
The ‘ Quad Page Program’ instruction is to program the memory as being “0” at previously erased memory areas. The ‘Quad
Page Program’ requires four pins: I/O0, I/O1, I/O2 and I/O3, as address and data inputs, which can improve performance. A
system using a faster clock speed does not get more benefit for the Quad Page Program as the required internal page program
time is far more than the time data clock-in.
To use ‘Quad Page Program’ instruction, the Quad Enable bit must be set. A Write Enable instruction must be executed
before the device accepts the ‘Quad Page Program’ instruction (Status Register-1, WEL = 1). The instruction is initiated
by driving the CS pin low then sending the instruction code “33h” with following a 24-bit address (A23-A0) and at least
one data, into the I/O pins. The CS pin must be held low for the entire length of the instruction while data is being sent to
the device. All other functions of ‘ Quad Page Program’ instruction are the same as the standard ‘ Page Program’
instruction. (Please refer to Figure 7-24 and Figure 7-25).
Figure 7-24. Quad Page Program Instruction (SPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com