Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 31Page - Dialog Semiconductor AT25QL641 Datasheet HTML 32Page - Dialog Semiconductor AT25QL641 Datasheet HTML 33Page - Dialog Semiconductor AT25QL641 Datasheet HTML 34Page - Dialog Semiconductor AT25QL641 Datasheet HTML 35Page - Dialog Semiconductor AT25QL641 Datasheet HTML 36Page - Dialog Semiconductor AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor AT25QL641 Datasheet HTML 38Page - Dialog Semiconductor AT25QL641 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
34
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-27. Block Erase Instruction (QPI Mode)
7.18
32 Kbyte Block Erase (52h)
The 32 KB ‘Block Erase’ instruction is used for a 32 Kbyte block erase operation. Prior to the ‘Block Erase’ Instruction,
a ‘Write Enable’ (06h) instruction must be issued. The instruction is initiated by driving the CS pin low and shifting the
instruction code “52h” followed a 24-bit block address (A23-A0). Refer to Figure 7-28 and Figure 7-29 below. The CS
pin must go high after the eighth bit of the last byte has been latched in, otherwise the Block Erase instruction is not
executed. After CS is driven high, the self-timed Block Erase instruction commences for a time duration of tBE1 (see Table
8-7, AC Electrical Characteristics
).
While the block erase operation is in progress, the ‘Read Status Register’ (05h) instruction may still be used to read the
status of the BUSY bit. The BUSY bit is a 1 during the block erase operation and becomes a 0 when the cycle is
finished and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable
Latch (WEL) bit in the Status Register is cleared to 0.
Figure 7-28. 32KB Block Erase Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com