Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 12Page - Dialog Semiconductor AT25QL641 Datasheet HTML 13Page - Dialog Semiconductor AT25QL641 Datasheet HTML 14Page - Dialog Semiconductor AT25QL641 Datasheet HTML 15Page - Dialog Semiconductor AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
15
AT25QL641
DS-25QL641–130E–10/2018
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power Down
B9h
Release from Deep Power
Down/Device ID
ABh
Dummy
Dummy
Dummy
D7:D0(2)
Read Manufacturer ID (4)
90h
00h
00h
00h or 01h
MID7:MID0
DID7:DID0
Read JEDEC ID
9Fh
MID7:MID0
D7:D0
D7:D0
Reset Enable
66h
Reset
99h
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read Security Register
2Bh
SC7:SC0 (5)
Write Security Register
2Fh
Read Serial Flash
Discovery Parameters
5Ah
A23:A16
A15:A8
A7:A0
Dummy
D7:D0
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being read from the device on the I/O pin.
2.
SR = status register, The Status Register contents and Device ID repeats continuously until CS terminates the instruction.
3.
At least one byte of data input is required for Page Program, Quad Page Program and Program Security Register, up to 256 bytes of data input. If more
than 256 bytes of data are sent to the device, the addressing will wrap to the beginning of the page and overwrite previously sent data.
4.
See Manufacturer and Device Identification table for Device ID information.
5.
SC = security register.
Table 7-3.
Instruction Set Table 2 (Dual SPI Instructions)
Instruction Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Fast Read Dual Output
3Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0 (1)
1.
Dual Output data: I/O0 = (D6, D4, D2, D0), I/O1 = (D7, D5, D3, D1)
Fast Read Dual I/O
BBh
A23:A8 (2)
2.
Dual input address:
I/O
0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
I/O
1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1
A7:A0,
M7:M0(2)
D7:D0....(1)
Read Manufacturer ID (3)
3.
See Manufacturer and Device Identification table for Device ID information.
92h
0000h
(00h, xxxx) or
01h, xxxx)
MID7:MID0
DID7:DID0(1)
Table 7-2.
Instruction Set Table 1 (SPI Instructions) (Continued) (1)
Instruction Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com