Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor AT25QL641 Datasheet HTML 55Page - Dialog Semiconductor AT25QL641 Datasheet HTML 56Page - Dialog Semiconductor AT25QL641 Datasheet HTML 57Page - Dialog Semiconductor AT25QL641 Datasheet HTML 58Page - Dialog Semiconductor AT25QL641 Datasheet HTML 59Page - Dialog Semiconductor AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
56
AT25QL641
DS-25QL641–130E–10/2018
Fast Dual I/O (1-2-2)
Number of dummy clocks
Number of dummy clocks
3Eh
20:16
00000
80h
Fast Dual I/O (1-2-2)
Number of mode bits
Number of mode bits
23:21
100
Fast Dual I/O (1-2-2) Read
Opcode
Opcode or FFh
3Fh
31:24
1011 1011
BBh
Fast Dual DPI (2-2-2)
0: Not supported
1: Supported
40h
0
0
FEh
Reserved
FFh
03:01
111
Fast Quad QPI (4-4-4)
0: Not supported
1: Supported
04
1
Reserved
FFh
07:05
111
Reserved
FFh
41h
15:08
1111 1111
FFh
Reserved
FFh
42h
23:16
1111 1111
FFh
Reserved
FFh
43h
31:24
1111 1111
FFh
Reserved
FFh
44h
07:00
1111 1111
FFh
Reserved
FFh
45h
15:08
1111 1111
FFh
Fast Dual DPI (2-2-2)
Number of dummy clocks
Number of dummy clocks
46h
20:16
0 0000
00h
Fast Dual DPI (2-2-2)
Number of mode bits
Number of mode bits
23:21
000
Fast Dual DPI(2-2-2) Read
Opcode
Opcode or FFh
47h
31:24
1111 1111
FFh
Reserved
FFh
48h
07:00
1111 1111
FFh
Reserved
FFh
49h
15:08
1111 1111
FFh
Fast Quad QPI (4-4-4)
Number of dummy clocks
Number of dummy clocks
4Ah
20:16
00010
42h
Fast Quadl QPI (4-4-4)
Number of mode bits
Number of mode bits
23:21
010
Fast Quad QPI (4-4-4) Read
Opcode
Opcode or FFh
4Bh
31:24
1110 1011
EBh
Erase type-1 Size
4 KB = 2^0Ch, 32 KB = 2^0Fh,
64 KB = 2^10h; (2^Nbyte)
4Ch
07:00
0000 1100
0Ch
Erase type-1 Opcode
Opcode or FFh
4Dh
15:08
0010 0000
20h
Erase type-2 Size
4 KB = 2^0Ch, 32 KB = 2^0Fh,
64 KB = 2^10h; (2^Nbyte)
4Eh
23:16
0000 1111
0Fh
Erase type-2 Opcode
Opcode or FFh
4Fh
31:24
0101 0010
52h
Table 7-10. SFDP Parameters Table 1 (Continued)
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com