Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 63 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 63 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 59Page - Dialog Semiconductor AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor AT25QL641 Datasheet HTML 63Page - Dialog Semiconductor AT25QL641 Datasheet HTML 64Page - Dialog Semiconductor AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor AT25QL641 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
62
AT25QL641
DS-25QL641–130E–10/2018
7.38
Exit Secured OTP (C1h)
The Exit Secured OTP instruction is for exiting the additional 4 Kbit secured OTP mode. (Please refer to Figure 7-60).
Figure 7-60. Exit Secured OTP instruction for SPI Mode (left) and QPI Mode (right)
7.39
Read Security Register (2Bh)
The Read Security Register can be read the value of Security Register bits at any time (even in program/erase/write
status register-1 and write status register-2 condition) and continuously. Bits 0 and 1 of this register are described below.
All other bits of the register are reserved.
Secured OTP Indicator bit. The Secured OTP indicator bit shows the chip is locked by factory before or not. When it is
“0”, it indicates a non-factory lock, a “1” indicates a factory lock.
Lock-down Secured OTP (LDSO) bit. By executing the ‘Write Security Register’ instruction, the LDSO bit may be set to
“1” for customer lock down purposes. However, once the bit it set to “1” (locked down), the LDSO bit and the 4 Kbit
Secured OTP area cannot be updated any more. While it is in 4 Kbit Secured OTP mode, array access is not allowed to
write.
Table 7-12. Security Register Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
x
x
x
x
x
x
LDSO (indicate if
lock- down)
Secured OTP
indicator bit
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0 = not
lock-down
1 = lock- down
(cannot program/
erase OTP)
0 = non factory
lock
1 = factory lock
Volatil
e bit
Volatile
bit
Volatile
bit
Volatile
bit
Volatile
bit
Volatile
bit
Non- Volatile bit
Non- Volatile
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com