Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 14Page - Dialog Semiconductor AT25QL641 Datasheet HTML 15Page - Dialog Semiconductor AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor AT25QL641 Datasheet HTML 21Page - Dialog Semiconductor AT25QL641 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
17
AT25QL641
DS-25QL641–130E–10/2018
Read Status Register 2
35h
(SR15:SR8)
(2)
Write Status Register 1(2)
01h
(SR7:SR0) (SR15:SR8)
Write Status Register 2
31h
(SR15:SR8)
Fast Read Data
up to 80
MHz
0Bh
A23:A16
A15:A8
A7:A0
Dummy
Dummy
(D7:D0)
up to 104
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy (D7:D0)
Page Program
02h
A23:A16
A15:A8
A7:A0
(D7:D0)
(3)
Block Erase (4 KB)
20h
A23:A16
A15:A8
A7:A0
Block Erase (32 KB)
52h
A23:A16
A15:A8
A7:A0
Block Erase (64 KB)
D8h
A23:A16
A15:A8
A7:A0
Chip Erase
60h/7Ch
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power Down
B9h
Release from Deep
Power Down
ABh
Read Manufacturer/
Device ID (4)
90h
00h
00h
00h or
01h
(MID7:
MID0)
(DID7:
DID0)
Read JEDEC ID
9Fh
(MID7:MID0)
(Mfg ID)
(D7:D0)
(Mem Typ)
(D7:D0)
(Cap)
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read Security Register
2Bh
(SC7:SC0)(5)
Write Security Register
2Fh
Fast Read
Quad I/O
up to 80
MHz
EBh
A23:A16
A15:A8
A7:A0
(M7:M0) Dummy
(D7:D0)
up to 104
MHz
A23:A16
A15:A8
A7:A0
(M7:M0) Dummy
Dummy (D7:D0)
up to 133
MHz
A23:A16
A15:A8
A7:A0
(M7:M0) Dummy
Dummy Dummy (D7:D0)
Reset Enable
66h
Reset
99h
Disable QPI
FFh
Table 7-5.
Instruction Set Table 4 (QPI Instructions) (Continued)
Instruction Byte (1)
0
1
2
3
4
5
6
7
8
Clock Number
0, 1
2, 3
4, 5
6, 7
8, 9
10, 11
12, 13
14, 15
16, 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com