Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 26Page - Dialog Semiconductor AT25QL641 Datasheet HTML 27Page - Dialog Semiconductor AT25QL641 Datasheet HTML 28Page - Dialog Semiconductor AT25QL641 Datasheet HTML 29Page - Dialog Semiconductor AT25QL641 Datasheet HTML 30Page - Dialog Semiconductor AT25QL641 Datasheet HTML 31Page - Dialog Semiconductor AT25QL641 Datasheet HTML 32Page - Dialog Semiconductor AT25QL641 Datasheet HTML 33Page - Dialog Semiconductor AT25QL641 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
29
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-19. Fast Read Quad I/O Instruction (previous M7-0 = Axh, SPI mode)
Wrap Around in SPI mode
The Fast Read Quad I/O instruction can also be used to access specific portion within a page by issuing a ‘Set Burst
with Wrap’ (77h) instruction prior to a ‘Fast Read Quad I/O’ (EBh) instruction. The ‘Set Burst with Wrap’ (77h)
instruction can either enable or disable the “Wrap Around” feature for the following ‘Fast Read Quad I/O’ instruction.
When “Wrap Around” is enabled, the data being accessed can be limited to an 8/16/32/64-byte section of a 256-byte
page. The output data starts at the initial address specified in the instruction, once it reaches the ending boundary of the
8/16/32/64-byte section, the output wraps around to the beginning boundary automatically until CS is pulled high to
terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the
cache afterwards within a fixed length (8/16/32/64 bytes) of data without issuing multiple read instructions. (Please
refer to Section 7.32 Set Burst with Wrap).
Fast Read Quad I/O in QPI mode
When QPI mode in enabled, the number of dummy clocks is configured by the ‘Set Read Parameters’ (C0h) instruction
to accommodate a wide range applications with different needs for either maximum Fast Read frequency or minimum
data access latency. Depending on the state of read parameter bits P[4] and P[5], the number of dummy clocks can be
configured as either 4, 6, or 8. The default number of dummy clocks upon power up or after a Reset (99h) instruction is
4.
The “Continuous Read Mode” feature is also available in QPI mode for Fast Read Quad I/O instruction. In QPI mode, the
“Continuous Read Mode” bits M7-0 are also considered as dummy clocks. In the default setting, the data output follows
the Continuous Read Mode bits immediately.
The “Wrap Around” feature is not available in QPI mode for Fast Read Quad I/O instruction. To perform a read operation
with fixed data length wrap around in QPI mode, a ‘Burst Read with Wrap’ (0Ch) instruction must be used. For more
information, refer to Section 7.33, Burst Read with Wrap (0Ch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com