Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor AT25QL641 Datasheet HTML 67Page - Dialog Semiconductor AT25QL641 Datasheet HTML 68Page - Dialog Semiconductor AT25QL641 Datasheet HTML 69Page - Dialog Semiconductor AT25QL641 Datasheet HTML 70Page - Dialog Semiconductor AT25QL641 Datasheet HTML 71Page - Dialog Semiconductor AT25QL641 Datasheet HTML 72Page - Dialog Semiconductor AT25QL641 Datasheet HTML 73Page - Dialog Semiconductor AT25QL641 Datasheet HTML 74Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
69
AT25QL641
DS-25QL641–130E–10/2018
8.4
Input Timing
CS High to next Instruction after Suspend
t
SUS
(3)
30
µs
CS High to next Instruction after Reset
t
RST
(3)
30
µs
Write Status Register Time
tw
5
15
ms
Byte Program Time
tBP
5
150
µs
Page Program Time
tPP
0.6
5
ms
Block Erase Time (4KB)
tSE
0.06
0.4
s
Block Erase Time (32KB)
tBE1
0.2
1.5
s
Block Erase Time (64KB)
tBE2
0.35
2
s
Chip Erase Time
tCE
60
300
s
1.
Commercial temperature only applies to Fast Read (FR). Industrial temperature applies to all other parameters.
2.
Clock high + Clock low must be less than or equal to 1/fc.
3.
Value guaranteed by design and/or characterization, not 100% tested in production.
4.
Contains: Read Status Register-1, 2/ Read Manufacturer/Device ID, Dual, Quad/ Read JEDEC ID/ Read Security Register/ Read Serial Flash Discovery
Parameter.
5.
Only applicable as a constraint for a Write Status Register instruction when Sector Protect Bit is set to 1.
Table 8-7.
AC Electrical Characteristics (Continued)
Parameter (1)
Symbol
Alt
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com