Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 13Page - Dialog Semiconductor AT25QL641 Datasheet HTML 14Page - Dialog Semiconductor AT25QL641 Datasheet HTML 15Page - Dialog Semiconductor AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor AT25QL641 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
16
AT25QL641
DS-25QL641–130E–10/2018
Table 7-4.
Instruction Set Table 3 (Quad SPI Instructions)
Instruction Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Fast Read Quad Output
6Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0 (1)
1.
Quad Input/ Output Data
I/O
0 = (D4, D0...)
I/O1 = (D5, D1...)
I/O
2 = (D6, D2...)
I/O
3 = (D7, D3...)
Fast Read Quad I/O
EBh
A23:A0,
M7:M0 (2)
2.
Quad Input Address
I/O0 = A20, A16, A12, A8, A0, M4, M0
I/O
1 = A21, A17, A13, A9, A1, M5, M1
I/O
2 = A22, A18, A14, A10, A2, M6, M2
I/O3 = A23, A19, A15, A11, A3, M7, M3
(xxxx,
D7:D0...) (3)
3.
Fast Read Quad I/O Data Output
I/O
0 = (x, x, x, x, D4, D0...)
I/O
1 = (x, x, x, x, D5, D1...)
I/O2 = (x, x, x, x, D6, D2...)
I/O
3 = (x, x, x, x, D7, D3...)
D7:D0....(1)
Quad Page Program
33h
A23:A0
(D7:D0, ...)(1)
Read Quad Manufacturer ID (4)
4.
See Manufacturer and Device Identification table for Device ID information.
94h
00_0000h, xx
or
00_00001h, xx
(xxxx,
MID7:MID0)
(xxxx,
DID7:DID0)(3)
Fast Read Quad I/O
EBh
A23:A0
M7:M0(2)
(xx, D7:D0)
D7:D0(1)
Set Burst with Wrap
77h
xxxxxx,
W6:W4 (5)
5.
Set Burst With Wrap
I/O
0 = x, x, x, x, x, x, W4, x
I/O1 = x, x, x, x, x, x, W5, x
I/O
2 = x, x, x, x, x, x, W6, x
I/O
3 = x, x, x, x, x, x, W7, x
Table 7-5.
Instruction Set Table 4 (QPI Instructions)
Instruction Byte (1)
0
1
2
3
4
5
6
7
8
Clock Number
0, 1
2, 3
4, 5
6, 7
8, 9
10, 11
12, 13
14, 15
16, 17
Write Enable
06h
Write Enable
(for volatile Status registers)
50h
Write Disable
04h
Read Status Register 1
05h
(SR7:SR0)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com