Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 36Page - Dialog Semiconductor AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor AT25QL641 Datasheet HTML 38Page - Dialog Semiconductor AT25QL641 Datasheet HTML 39Page - Dialog Semiconductor AT25QL641 Datasheet HTML 40Page - Dialog Semiconductor AT25QL641 Datasheet HTML 41Page - Dialog Semiconductor AT25QL641 Datasheet HTML 42Page - Dialog Semiconductor AT25QL641 Datasheet HTML 43Page - Dialog Semiconductor AT25QL641 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
39
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-36. Erase / Program Resume Instruction (QPI Mode)
7.23
Deep Power Down (B9h)
Executing the Deep Power Down instruction is the best way to put the device in the lowest power consumption. The
Deep Power Down instruction reduces the standby current (from I
CC1 to ICC2, as specified in Table 8-7, AC Electrical
Characteristics
). The instruction is entered by driving the CS pin low with following the instruction code “B9h”. Refer to
Figure 7-37 and Figure 7-38 below.
The CS pin must go high exactly at the byte boundary (the latest eighth bit of instruction code been latched-in);
otherwise, the Deep Power Down instruction is not executed. After CS goes high, it requires a delay of t
DP and the Deep
Power Down mode is entered. While in the Deep Power Down state, the ‘Release Deep Power Down / Device ID’ (ABh)
instruction, which restores the device to normal operation, will be recognized. All other instructions are ignored, including
the ‘Read Status Register’ (05h) instruction, which is always available during normal operation.
Figure 7-37. Deep Power Down Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com