Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 2Page - Dialog Semiconductor AT25QL641 Datasheet HTML 3Page - Dialog Semiconductor AT25QL641 Datasheet HTML 4Page - Dialog Semiconductor AT25QL641 Datasheet HTML 5Page - Dialog Semiconductor AT25QL641 Datasheet HTML 6Page - Dialog Semiconductor AT25QL641 Datasheet HTML 7Page - Dialog Semiconductor AT25QL641 Datasheet HTML 8Page - Dialog Semiconductor AT25QL641 Datasheet HTML 9Page - Dialog Semiconductor AT25QL641 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
5
AT25QL641
DS-25QL641–130E–10/2018
HOLD
(I/O
3)
HOLD
The HOLD pin is used to temporarily pause serial communication without deselecting or
resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on
the SI pin are ignored and the SO pin is placed in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold
condition to start. A Hold condition pauses serial communication only and does not have an
effect on internally self-timed operations such as a program or erase cycle.
With the Quad-Input Byte/Page Program command, the HOLD pin becomes an input pin (I/O
3)
and with other pins, allows four bits (on I/O
3-0) of data to be clocked in on every rising edge of
SCK. With the Quad-Output Read commands, the HOLD Pin becomes an output pin (I/O3) in
conjunction with other pins to allow four bits of data on (I/O3
3-0) to be clocked in on every
falling edge of SCK.
To maintain consistency with SPI nomenclature, the HOLD (I/O3) pin is referenced as the
HOLD pin unless specifically addressing the Quad-I/O modes in which case it is referenced as
I/O
3. The HOLD pin is internally pulled-high and may be left floating if the Hold function is not
used. However, it is recommended that the HOLD pin also be externally connected to VCC
whenever possible.
-
Input/Output
V
CC
DEVICE POWER SUPPLY: VCC is the supply voltage. It is the single voltage used for all
device functions including read, program, and erase. The V
CC pin is used to supply the
source voltage to the device. Operations at invalid V
CC voltages may produce spurious results
and should not be attempted.
-
Power
GND
GROUND:
V
SS is the reference for the VCC supply voltage. The ground reference for the
power supply. GND should be connected to the system ground.
-
Power
Table 1-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com