Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 69Page - Dialog Semiconductor AT25QL641 Datasheet HTML 70Page - Dialog Semiconductor AT25QL641 Datasheet HTML 71Page - Dialog Semiconductor AT25QL641 Datasheet HTML 72Page - Dialog Semiconductor AT25QL641 Datasheet HTML 73Page - Dialog Semiconductor AT25QL641 Datasheet HTML 74Page - Dialog Semiconductor AT25QL641 Datasheet HTML 75Page - Dialog Semiconductor AT25QL641 Datasheet HTML 76Page - Dialog Semiconductor AT25QL641 Datasheet HTML 77Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
72
AT25QL641
DS-25QL641–130E–10/2018
10.
Packaging Information
10.1
8S4 – 8-lead, .208” EIAJ SOIC
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
®
8S3
STN
A
8S3,
8-lead, 0.208” Body, Plastic Small
Outline Package (EIAJ)
SYMBOL
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
1.75
1.95
2.16
0.069
0.077
0.085
A1
0.05
0.15
0.25
0.002
0.006
0.010
A2
1.70
1.80
1.91
0.067
0.071
0.075
B
0.35
0.42
0.48
0.014
0.017
0.019
C
0.19
0.20
0.25
0.007
0.008
0.010
D
5.18
5.28
5.38
0.204
0.208
0.212
E
7.70
7.90
8.10
0.303
0.311
0.319
E1
5.18
5.28
5.38
0.204
0.208
0.212
e
1.27 BSC
0.050 BSC
L
0.50
0.65
0.80
0.020
0.026
0.031
Θ
0˚
-
8˚
0˚
-
8˚
Y
-
-
0.10
-
-
0.004
5/5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com