Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor AT25QL641 Datasheet HTML 63Page - Dialog Semiconductor AT25QL641 Datasheet HTML 64Page - Dialog Semiconductor AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor AT25QL641 Datasheet HTML 67Page - Dialog Semiconductor AT25QL641 Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
63
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-61. Read Security Register instruction (SPI Mode)
Figure 7-62. Read Security Register Instruction (QPI Mode)
7.40
Write Security Register (2Fh)
The ‘Write Security Register’ instruction is for change the state of the bits in the Security Register. Unlike the ‘Write
Status Register’ instruction, the ‘Write Enable’ instruction is not required before executing the ‘Write Security Register’
instruction. The instruction may change the value of bit 1 (LDSO bit) for a customer to lock down the 4 Kbit Secured
OTP area. Once the LDSO bit is set to “1”, the Secured OTP area cannot be updated any more.
The CS must go high exactly at the boundary; otherwise, the instruction is not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com