Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 61 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 61 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 57Page - Dialog Semiconductor AT25QL641 Datasheet HTML 58Page - Dialog Semiconductor AT25QL641 Datasheet HTML 59Page - Dialog Semiconductor AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor AT25QL641 Datasheet HTML 63Page - Dialog Semiconductor AT25QL641 Datasheet HTML 64Page - Dialog Semiconductor AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
60
AT25QL641
DS-25QL641–130E–10/2018
Disable 4-4-4 Read Mode
68h
69h
6Ah
03:00
1001
19h
F6h
1Ch
Enable 4-4-4 Read Mode
08:04
0 0001
Fast Quad I/O Continuous
(0-4-4) supported
0: not supported,
1: Quad I/O 0-4-4 supported
09
1
Fast Quad I/O Continuous
(0-4-4) Exit
15:10
1111 01
Fast Quad I/O Continuous
(0-4-4) Enter
19:16
1100
Quad Enable Requirements
(QER)
22:20
001
HOLD or RESET Disable
0: not supported,
1: use Configuration Register
bit-4
23
0
Reserved
FFh
6Bh
31:24
1111 1111
FFh
Status Register Opcode
6Ch
06:00
110 1000
E8h
Reserved
1h
07
1
Soft Reset Opcodes
6Dh
13:08
01 0000
10h
C0h
4-Byte Address Exit
6Eh
23:14
1100 0000 00
4-Byte Address Enter
6Fh
31:24
1000 0000
80h
Table 7-10. SFDP Parameters Table 1 (Continued)
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)
Table 7-11.
SFDP Parameters Table 2
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)
VCC Minimum Voltage
1650h: 1.65V,
1700h: 1.70V,
2300h: 2.30V,
2500h: 2.50V,
2700h: 2.70V
80h
81h
15:0
0000 0000
0001 0111
00h
17h
VCC Maximum Voltage
1950h: 1.95V,
3600h: 3.60V,
4000h: 4.00V,
4400h: 4.40V
82h
83h
31:16
0000 0000
0010 0000
00h
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com