Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 23Page - Dialog Semiconductor AT25QL641 Datasheet HTML 24Page - Dialog Semiconductor AT25QL641 Datasheet HTML 25Page - Dialog Semiconductor AT25QL641 Datasheet HTML 26Page - Dialog Semiconductor AT25QL641 Datasheet HTML 27Page - Dialog Semiconductor AT25QL641 Datasheet HTML 28Page - Dialog Semiconductor AT25QL641 Datasheet HTML 29Page - Dialog Semiconductor AT25QL641 Datasheet HTML 30Page - Dialog Semiconductor AT25QL641 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
26
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-15. Fast Read Quad Output Instruction (SPI Mode)
7.13
Fast Read Dual I/O (BBh)
The Fast Read Dual I/O instruction reduces cycle overhead through double access using two I/O pins: I/O0 and I/O1.
Continuous read mode
The Fast Read Dual I/O instruction can further reduce cycle overhead through setting the Mode bits (M7-0) after the
input Address bits (A23-0). The upper nibble of the Mode (M7-4) controls the length of the next Fast Read Dual I/O
instruction through the inclusion or exclusion of the first byte instruction code. The lower nibble bits of the Mode (M3-0)
are don’t care (“X”), However, the I/O pins should be high-impedance prior to the falling edge of the first data out clock.
If the Mode bits (M7-0) equal “Ax” hex, then the next Fast Dual I/O instruction (after CS is raised and then lowered) does
not require the instruction (BBh) code, as shown in Figure 7-16 and Figure 7-17. This reduces the instruction sequence
by eight clocks and allows the address to be immediately entered after CS is asserted low. If Mode bits (M7-0) are any
value other “Ax” hex, the next instruction (after CS is raised and then lowered) requires the first byte instruction code,
thus returning to normal operation. A mode bit reset can be used to reset t h e mode bits (M7-0) before issuing
normal instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com