Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor AT25QL641 Datasheet HTML 63Page - Dialog Semiconductor AT25QL641 Datasheet HTML 64Page - Dialog Semiconductor AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor AT25QL641 Datasheet HTML 67Page - Dialog Semiconductor AT25QL641 Datasheet HTML 68Page - Dialog Semiconductor AT25QL641 Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
64
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-63. Write Security Register Instruction for SPI Mode (left) and QPI Mode (right)
7.41
4 Kbit Secured OTP
The AT25QL641 provides a 4 Kbit one-time-program area for setting a unique serial number which can be set by
either the factory or the customer. Security register bit 0 indicates whether the chip is locked by factory or not.
The 4 Kbit OTP space is accessed using the B1h instruction as described above. After the OTP value has been
programmed, the C1h instruction is used to exit from the secured OTP space.
The secure OTP space is divided into a 128-bit electronic serial number, and 3968 bits is user-defined data as shown in
Table 7-13.
Note. Once the OTP space is locked down, either by the factory or the customer, it cannot be changed any more.
While in 4 Kbit secured OTP mode, array access is not allowed to write.
Table 7-13. Secure OTP Address Space
Address Range
Size
Standard
Customer Lock
000000 ~ 00000F
128-bit
ESN
(Electrical Serial Number)
Determined by customer
000010 ~ 0001FF
3968-bit
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com