Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 15Page - Dialog Semiconductor AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor AT25QL641 Datasheet HTML 21Page - Dialog Semiconductor AT25QL641 Datasheet HTML 22Page - Dialog Semiconductor AT25QL641 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
18
AT25QL641
DS-25QL641–130E–10/2018
7.2
Write Enable (06h)
Write Enable instruction is for setting the Write Enable Latch (WEL) bit in the Status Register. The WEL bit must be set prior to
every Program, Erase and Write Status Register instruction. To enter the Write Enable instruction, CS goes low prior to the
instruction “06h” into Data Input (SI) pin on the rising edge of SCK, and then driving CS high.
Figure 7-1.
Write Enable Instruction for SPI Mode (left) and QPI Mode (right)
7.3
Write Enable for Volatile Status Register (50h)
This gives more flexibility to change the system configuration and memory protection schemes quickly without waiting
for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. To write the
volatile values into the Status Register bits, the Write Enable for Volatile Status Register (50h) instruction must be issued
prior to a Write Status Register (01h) instruction. Write Enable for Volatile Status Register instruction (Figure 7-2) does
not set the Write Enable Latch (WEL) bit. Once Write Enable for Volatile Status Register is set, a Write Enable
instruction should not have been issued prior to setting Write Status Register instruction (01h or 31h). When Write
Burst Read with
Wrap
up to 80
MHz
0Ch
A23:A16
A15:A8
A7:A0
Dummy
Dummy
(D7:D0)
up to 104
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy (D7:D0)
up to 133
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy Dummy (D7:D0)
Set Read Parameter
C0h
P7:P0
Quad Page Program
33h
A23:A16
A15:A8
A7:A0
(D7:D0)
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being read from the device on the I/O pin.
2.
SR = Status Register. The Status Register contents and Device ID will repeat continuously until CS terminates the instruction.
3.
At least one byte of data input is required for Page Program, Quad Page Program and Program Security Register, up to 256 bytes of data input. If more
than 256 bytes of data are sent to the device, the addressing will wrap to the beginning of the page and overwrite previously sent data.
4.
See Manufacturer and Device Identification table for Device ID information.
5.
SC = Security Register.
Table 7-5.
Instruction Set Table 4 (QPI Instructions) (Continued)
Instruction Byte (1)
0
1
2
3
4
5
6
7
8
Clock Number
0, 1
2, 3
4, 5
6, 7
8, 9
10, 11
12, 13
14, 15
16, 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com