Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 69Page - Dialog Semiconductor AT25QL641 Datasheet HTML 70Page - Dialog Semiconductor AT25QL641 Datasheet HTML 71Page - Dialog Semiconductor AT25QL641 Datasheet HTML 72Page - Dialog Semiconductor AT25QL641 Datasheet HTML 73Page - Dialog Semiconductor AT25QL641 Datasheet HTML 74Page - Dialog Semiconductor AT25QL641 Datasheet HTML 75Page - Dialog Semiconductor AT25QL641 Datasheet HTML 76Page - Dialog Semiconductor AT25QL641 Datasheet HTML 77Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
75
AT25QL641
DS-25QL641–130E–10/2018
11.
Revision History
11.1
Errata:
Appendix A
1. If Status Register-2 CMP bit is 0, and Status Register-1 bits {SEC,TB,BP2,BP1,BP} are {1,0,0,0,1}, address 7FF000h-
7FFFFFh is protected from any Program or Erase commands. However, this setting does not protect the rest of Sector
127 or the rest of Block 255 from 64Kbit or 32kbit Block Erase commands. If a 64Kbit Block Erase Command is issued to
Sector 127, address 7F0000h-7FEFFFh will be erased. If a 32Kbit Block Erase Command is issued to Block 255,
address 7F8000h-7FEFFFh will be erased.
Workaround: If this protection bit combination is used and the behavior described in Note 3 is required, avoid using
64Kbit or 32kbit Block Erase commands for this specific memory region.
2. If Status Register-2 CMP bit is 1, and Status Register-1 bits {SEC,TB,BP2,BP1,BP} are {1,1,0,0,1}, address 001000h-
7FFFFFh is protected from any Program or Erase commands. However, this setting does not protect the rest of Sector 0
or the rest of Block 0 from 64Kbit or 32kbit Block Erase commands. If a 64Kbit Block Erase Command is issued to Sector
0, address 000000h-000FFFh will be erased. If a 32Kbit Block Erase Command is issued to Block 0, address 000000h-
000FFFh will be erased.
Workaround: If this protection bit combination is used and the behavior described in Note 3 is required, avoid using
64Kbit or 32kbit Block Erase commands for this specific memory region.
Revision
Date
Change Description
A
12/2016
Initial release of AT25QL641 datasheet.
B
02/2017
Updated Note 1 on Table 8.1.
C
05/2017
Updated Table 1-1 (WP pin description). Updated 5.1 (Write Protect Features). Updated
Tables 6-1 and 6-2. Restored Sector and Block Protect descriptions. Restored Status
Register Memory Protection tables (Tables 6-3 and 6-4). Added clarification to Write Status
Register (01h) description. Updated document status from Advanced to Complete. Added
Errata 11.1.
D
11/2017
Removed references to 133 MHz option. Removed RESET option. Removed 18-WLCSP and
24-ball BGA package options. Removed references to ACC feature.
E
10/2018
Added 133 MHz frequency option to document.
Updated maximum frequency to 133 MHz on page 1.
Updated frequencies in Section 1.
Updated formatting of all tables in document.
Updated Word Read Quad I/O instruction diagram in Figure 7-50.
Updated frequency in Burst Read with Wrap instruction in Figure 7-54.
Updated tables in Section 7.33, Set Read Parameters (C0h).
Updated AC Electrical Characteristics table in Table 8-7 with 133 MHz option.
Clarified frequency and timing parameters for the 03h and 0Bh instructions in Table 8-7.
Updated ordering code table in Section 9.1.
Removed DWF package.
Updated maximum continuous data transfer rate from 52 Mbps to 66 Mbps on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com