Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor AT25QL641 Datasheet HTML 38Page - Dialog Semiconductor AT25QL641 Datasheet HTML 39Page - Dialog Semiconductor AT25QL641 Datasheet HTML 40Page - Dialog Semiconductor AT25QL641 Datasheet HTML 41Page - Dialog Semiconductor AT25QL641 Datasheet HTML 42Page - Dialog Semiconductor AT25QL641 Datasheet HTML 43Page - Dialog Semiconductor AT25QL641 Datasheet HTML 44Page - Dialog Semiconductor AT25QL641 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
40
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-38. Deep Power Down Instruction (QPI Mode)
7.24
Release Deep Power Down / Device ID (ABh)
The ‘ Release Deep Power Down / Device ID’ instruction is a multi-purpose instruction. It can be used to release the
device from the Deep Power Down state and also obtain the device identification (ID).
The instruction is issued by driving the CS pin low, sending the instruction code “ABh” and driving CS high as shown in
Figure 7-39 and Figure 7-40. The ‘Release from Deep Power Down’ instruction requires the time duration of t
RES1 (see
Table 8-7, AC Electrical Characteristics
). The CS pin must keep high during the t
RES1 time duration.
The Device ID can be read during SPI mode only.
In other words, Device ID feature is not available in QPI mode for Release
Deep Power Down/Device ID instruction.
To obtain the Device ID in SPI mode, the instruction is initiated by driving the CS
pin low and sending the instruction code “ABh” with following 3-dummy bytes. The Device ID bits are then shifted on
the falling edge of SCK with most significant bit (MSB) first as shown in Figure 7-41. After CS is driven high it must
keep high for a time duration of t
RES2 (See Table 8-7, AC Electrical Characteristics). The Device ID can be read
continuously. The instruction is completed by driving CS high.
If the ‘Release from Deep Power Down /Device ID’ instruction is issued while an Erase, Program or Write cycle is in process
(when BUSY equals 1) the instruction is ignored and does not have any effects on the current cycle.
Figure 7-39. Release Power Down Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com