Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 27Page - Dialog Semiconductor AT25QL641 Datasheet HTML 28Page - Dialog Semiconductor AT25QL641 Datasheet HTML 29Page - Dialog Semiconductor AT25QL641 Datasheet HTML 30Page - Dialog Semiconductor AT25QL641 Datasheet HTML 31Page - Dialog Semiconductor AT25QL641 Datasheet HTML 32Page - Dialog Semiconductor AT25QL641 Datasheet HTML 33Page - Dialog Semiconductor AT25QL641 Datasheet HTML 34Page - Dialog Semiconductor AT25QL641 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
30
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-20. Fast Read Quad I/O Instruction (Initial instruction or previous M7-0 ≠ Axh, QPI mode, 80 MHz)
Figure 7-21. Fast Read Quad I/O Instruction (Initial instruction or previous M7-0 ≠ Axh, QPI mode, 133 MHz)
7.15
Page Program (02h)
The Page Program instruction is for programming the memory to be “0”. A Write Enable instruction must be issued
before the device accept the Page Program Instruction (Status Register bit WEL= 1). After the Write Enable (WREN)
instruction has been decoded, the device sets the Write Enable Latch (WEL). The instruction is entered by driving the
CS pin low and then sending the instruction code “02h” with following a 24-bits address (A23-A0) and at least one data
byte, into the SI pin. The CS pin must be driven low for the entire time of the instruction while data is being sent to the
device. (Please refer to Figure 7-22 and Figure 7-23).
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address bits) should be set
to 0. If the last address byte is not zero, and the number of clocks exceeds the remaining page length, the addressing
wraps around to the beginning of the page. In some cases, less than 256 bytes (a partial page) can be programmed
without having any effect on other bytes within the same page. One condition to perform a partial page program is that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com