Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 6Page - Dialog Semiconductor AT25QL641 Datasheet HTML 7Page - Dialog Semiconductor AT25QL641 Datasheet HTML 8Page - Dialog Semiconductor AT25QL641 Datasheet HTML 9Page - Dialog Semiconductor AT25QL641 Datasheet HTML 10Page - Dialog Semiconductor AT25QL641 Datasheet HTML 11Page - Dialog Semiconductor AT25QL641 Datasheet HTML 12Page - Dialog Semiconductor AT25QL641 Datasheet HTML 13Page - Dialog Semiconductor AT25QL641 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
9
AT25QL641
DS-25QL641–130E–10/2018
5.
Write Protection
To protect inadvertent writes by the possible noise, several means of protection are applied to the Flash memory.
5.1
Write Protect Features
The write protect features are listed below.
While Power-on reset, all operations are disabled and no instruction is recognized.
An internal time delay of t
PUW can protect the data against inadvertent changes while the power supply is outside
the operating specification. This includes the Write Enable, Page Program, Block Erase, Chip Erase, Write Security
Register and the Write Status Register commands.
For data changes, Write Enable instruction must be issued to set the Write Enable Latch (WEL) bit to “0”. Power-
up, Completion of Write Disable, Write Status Register, Page Program, Block Erase and Chip Erase are subjected to
this condition.
Status Register protect (SRP) and Block protect (SEC, TB, BP2, BP1, and BP0) bits may be used to configure a
portion of the memory as read-only (software protection).
The Write Protect (WP) pin can be used to change the Status register (hardware control).
The Deep Power Down (DPD) mode provides extra protection from unexpected data changes as all instructions are
ignored under this status except for the ‘Release from Deep Power Down’ instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com