Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 58 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor AT25QL641 Datasheet HTML 55Page - Dialog Semiconductor AT25QL641 Datasheet HTML 56Page - Dialog Semiconductor AT25QL641 Datasheet HTML 57Page - Dialog Semiconductor AT25QL641 Datasheet HTML 58Page - Dialog Semiconductor AT25QL641 Datasheet HTML 59Page - Dialog Semiconductor AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
57
AT25QL641
DS-25QL641–130E–10/2018
Erase Type-3 Size
4 KB = 2^0Ch, 32 KB = 2^0Fh,
64 KB = 2^10h; (2^Nbyte)
50h
07:00
0001 0000
10h
Erase Type-3 Opcode
Opcode or FFh
51h
15:08
1101 1000
D8h
Erase Type-4 Size
4 KB = 2^0Ch, 32 KB = 2^0Fh,
64 KB = 2^10h; (2^Nbyte)
52h
23:16
0000 0000
00h
Erase Type-4 Opcode
Opcode or FFh
53h
31:24
1111 1111
FFh
Erase Maximum/Typical
Ratio
Maximum = 2 * (COUNT + 1) *
Typical
54h
55h
56h
57h
03:00
0011
33h
62h
D5h
00h
Erase type-1 Typical time
Count or 00h
08:04
0 0011
Erase type-1 Typical units
00b: 1 ms
01b: 16 ms
10b: 128 ms
11b: 1 sec
10:09
01
Erase type-2 Typical time
Count or 00h
15:11
0110 0
Erase type-2 Typical units
00b: 1 ms
01b: 16 ms
10b: 128 ms
11b: 1 sec
17:16
01
Erase type-3 Typical time
Count or 00h
22:18
101 01
Erase type-3 Typical units
00b: 1 ms
01b: 16 ms
10b: 128 ms
11b: 1 sec
24:23
01
Erase type-4 Typical time
Count or 00h
29:25
00 000
Erase type-4 Typical units
00b: 1 ms
01b: 16 ms
10b: 128 ms
11b: 1 sec
31:30
00
Program Maximum/Typical
Ratio
Maximum = 2 * (COUNT + 1) *
Typical
58h
03:00
0100
84h
Page Size
2^N bytes
07:04
1000
Table 7-10. SFDP Parameters Table 1 (Continued)
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com