Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor AT25QL641 Datasheet HTML 20Page - Dialog Semiconductor AT25QL641 Datasheet HTML 21Page - Dialog Semiconductor AT25QL641 Datasheet HTML 22Page - Dialog Semiconductor AT25QL641 Datasheet HTML 23Page - Dialog Semiconductor AT25QL641 Datasheet HTML 24Page - Dialog Semiconductor AT25QL641 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
20
AT25QL641
DS-25QL641–130E–10/2018
7.5
Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions are to read the Status register. The Read Status Register instructions can be
executed at any time (even in the Program/Erase/Write Status Register and Write Security Register conditions). It is
recommended to check the BUSY bit before sending a new instruction when a Program, Erase, Write Status
Register or Write Status Register operation is in progress.
The instruction is entered by driving CS low and sending the instruction code “05h” for Status Register-1 or “35h” for Status
Register-2 into the SI pin on the rising edge of SCK. The status register bits are then shifted out on the SO pin at the falling
edge of SCK with most significant bit (MSB) first as shown in (Figure 7-4 and Figure 7-5). The Status Register can be read
continuously. The instruction is completed by driving CS high.
Figure 7-4.
Read Status Register Instruction (SPI Mode)
Figure 7-5.
Read Status Register Instruction (QPI Mode)
7.6
Write Status Register (01h)
The Write Status Register instruction is u s e d to write only t h e non-volatile Status Register-1 bit SRP0, and Status
Register-2 bits QE and SRP1. All other Status Register bit locations are read-only and are not affected by the Write
Status Register instruction.
A Write Enable instruction must previously have been issued prior to setting Write Status Register Instruction (Status
Register bit WEL must equal 1). Once the write is enabled, the instruction is entered by driving CS low, sending the
instruction code, and then writing the status register data byte as illustrated in Figure 7-6 and Figure 7-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com