Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 45Page - Dialog Semiconductor AT25QL641 Datasheet HTML 46Page - Dialog Semiconductor AT25QL641 Datasheet HTML 47Page - Dialog Semiconductor AT25QL641 Datasheet HTML 48Page - Dialog Semiconductor AT25QL641 Datasheet HTML 49Page - Dialog Semiconductor AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
48
AT25QL641
DS-25QL641–130E–10/2018
Wrap Around in SPI mode
The ‘Word Read Quad I/O’ instruction can also be used to access a specific portion within a page by issuing a ‘Set
Burst with Wrap’ (77h) instruction prior to E7h. The ‘Set Burst with Wrap’ (77h) instruction can either enable or disable
the “Wrap Around” feature for the following E7h commands. When “Wrap Around” is enabled, the output data starts at
the initial address specified in the instruction, once it reaches the ending boundary of the 8/16/32/64-byte section,
the output wraps around to the beginning boundary automatically until CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the cache
afterwards within a fixed length (8/16/32/64-byte) of data without issuing read instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to enable or disable
the “Wrap Around” operation while W6-5 is used to specify the length of the wrap around section within a page.
7.32
Set Burst with Wrap (77h)
The ‘ Set Burst with Wrap’ (77h) instruction is used in conjunction with ‘Fast Read Quad I/O’ and ‘Word Read Quad
I/O’ instructions to access a fixed length of 8/16/32/64-byte section within a 256-byte page. Certain applications can
benefit from this feature and improve the overall system code execution performance. Before the device can accept the
‘Set Burst with Wrap’ instruction, the QE bit in the Status register bit must be set.
The ‘ Set Burst with Wrap’ instruction is initiated by driving the CS pin low and then shifting the instruction code
“77h” followed by 24 dummy bits and 8 “Wrap Bits”, W7-0. The instruction sequence is shown in ‘Set Burst with Wrap’
instruction sequence. Wrap bits W7 and W3-0 are not used.
Once W6-4 are set by a ‘Set Burst with Wrap’ instruction, all the following “Fast Read Quad I/O” and ‘Word Read Quad I/O’
instructions use the W6-4 setting to access the corresponding 8/16/32/64-byte section within any page.
To exit the “Wrap Around” function and return to normal read operation, another ‘Set Burst with Wrap’ instruction should be
issued to set W4 = 1. The default value of W4 upon power on is 1. In the case of a system reset while W4 = 0, it is
recommended that the controller issues a ‘Set Burst with Wrap’ instruction or Reset (99h) instruction to reset W4 = 1 prior to
any normal Read instructions since the AT25QL641 does not have an external hardware reset pin.
Table 7-6.
Encoding of the W6 - W4 Wrap Bits
W6, W5
W4 = 0
W4 = 1 (Default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0 0
Yes
8-byte
No
N/A
0 1
Yes
16-byte
No
N/A
1 0
Yes
32-byte
No
N/A
1 1
Yes
64-byte
No
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com