Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 34Page - Dialog Semiconductor AT25QL641 Datasheet HTML 35Page - Dialog Semiconductor AT25QL641 Datasheet HTML 36Page - Dialog Semiconductor AT25QL641 Datasheet HTML 37Page - Dialog Semiconductor AT25QL641 Datasheet HTML 38Page - Dialog Semiconductor AT25QL641 Datasheet HTML 39Page - Dialog Semiconductor AT25QL641 Datasheet HTML 40Page - Dialog Semiconductor AT25QL641 Datasheet HTML 41Page - Dialog Semiconductor AT25QL641 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
37
AT25QL641
DS-25QL641–130E–10/2018
7.21
Erase / Program Suspend (75h)
The ‘ Erase/Program Suspend’ instruction allows the system to interrupt a Block Erase operation, or a Page
Program, Quad Data Input Page Program, Quad Page Program operation.
The Erase Suspend is valid only during the Block or Block erase operation. The Write Status Register-1 (01h), Write
Status Register-2 (31h) instruction and Erase instructions (20h, 52h, D8h, C7h, 60h) are not allowed during an Erase
Suspend operation. During the Chip Erase operation, the Erase Suspend instruction is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1 (01h), Write Status Register-2 (31h) instruction, Program instructions (02h and
33h) and Erase Instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend instruction “75h” is accepted by the device only if the SUS bit in the Status Register equals
to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the SUS bit equals
to 1 or the BUSY bit equals to 0, the Suspend instruction is ignored by the device. A maximum time of “t
SUS” (see Table
8-7, AC Electrical Characteristics
) is required to suspend the erase or program operation. After Erase/Program Suspend,
the SUS bit in the Status Register is set (0 to 1) immediately and the BUSY bit in the Status Register is cleared (1 to 0)
within “t
SUS”. For a previously resumed Erase/Program operation, it is also required that the Suspend instruction “75h” is
not issued earlier than a minimum of time of “t
SUS” following the preceding Resume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state resets the device and release the suspend state. The
SUS bit in the Status Register also resets to 0. The data within the page, or block that was being suspended may
become corrupted. It is recommended for the user to implement system design techniques against the accidental
power interruption and preserve data integrity during erase/program suspend state. (Please refer to Figure 7-33 and
Figure 7-34).
Figure 7-33. Erase Suspend Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com