Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 48Page - Dialog Semiconductor AT25QL641 Datasheet HTML 49Page - Dialog Semiconductor AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor AT25QL641 Datasheet HTML 55Page - Dialog Semiconductor AT25QL641 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
51
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-55. Set Read Parameters Instruction (QPI Mode)
7.35
Enable Reset (66h) and Reset (99h)
For eight-pin packages, the AT25QL641 provide a software Reset instruction instead of a dedicated RESET pin.
Once the Reset instruction is accepted, any ongoing internal operations are terminated and the device returns to its
default power-on state and loses all the current volatile settings, such as Volatile Status Register bits, Write Enable
Latch (WEL) status, Program/Erase Suspend status, Continuous Read Mode bit setting, Read parameter setting and
Wrap bit setting.
The ‘Enable Reset’ (66h) and ‘Reset’ (99h) instructions can be issued in either SPI mode or QPI mode. To avoid
accidental reset, both instructions must be issued in sequence. Any other instructions other than ‘Reset’ (99h) that
occur after the ‘Enable’ (66h) instruction disables the reset enable state. As such, a new sequence of ‘Enable Reset’
(66h) and ‘Reset’ (99h) is needed to reset the device. Once the Reset instruction is accepted by the device takes
approximately t
RST = 30 µs to reset. During this period, no instructions are accepted.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation when Reset
instruction sequence is accepted by device. It is recommended to check the BUSY bit and the SUS bit in Status Register
before issuing the Reset instruction sequence.
Figure 7-56. Enable Reset and Reset Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com