Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor AT25QL641 Datasheet HTML 67Page - Dialog Semiconductor AT25QL641 Datasheet HTML 68Page - Dialog Semiconductor AT25QL641 Datasheet HTML 69Page - Dialog Semiconductor AT25QL641 Datasheet HTML 70Page - Dialog Semiconductor AT25QL641 Datasheet HTML 71Page - Dialog Semiconductor AT25QL641 Datasheet HTML 72Page - Dialog Semiconductor AT25QL641 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
68
AT25QL641
DS-25QL641–130E–10/2018
8.3
AC Electrical Characteristics
Table 8-7.
AC Electrical Characteristics
Parameter (1)
Symbol
Alt
Min
Typ
Max
Unit
Clock frequency for all instructions, except Read Data and
Fast Read Data in SPI mode (03h, 0Bh)
1.7V - 2.0V VCC and industrial temperature
fR
fc
D.C.
133
MHz
Clock freq. Fast Read Data instruction in SPI mode (0Bh)
fR
D.C.
104
MHz
Clock freq. Read Data instruction in SPI mode (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
t
CLH, tCLL
(2)
3.5
ns
Clock High, Low Time for Read Data (03h)
t
CRLH, tCRLL
(2)
8
ns
Clock Rise Time peak-to-peak
t
CLCH
(3)
0.1
V/ns
Clock Fall Time peak-to-peak
t
CHCL
(3)
0.1
V/ns
CS Active Setup Time relative to Clock
t
SLCH
t
CSS
5
ns
CS Not Active Hold Time relative to Clock
tCHSL
5
ns
Data In Setup Time
t
DVCH
t
DSU
2
ns
Data In Hold Time
t
CHDX
t
DH
3
ns
CS Active Hold Time relative to Clock
t
CHSH
5
ns
CS Not Active Setup Time relative to Clock
t
CHSH
5
ns
CS Deselect Time (for Read instructions/Write,
Erase and Program instructions)
t
SHSL
t
CSH
100
ns
Output Disable Time
t
SHQZ(3)
t
DIS
7
ns
Clock Low to Output Valid
tCLQV
tV1
6
ns
Clock Low to Output Valid (Except Main Read)
(4)
tCLQV
tV2
7
ns
Output Hold Time
tCLQX
tHO
1.5
ns
HOLD Active Setup Time relative to Clock
t
HLCH
5
ns
HOLD Active Hold Time relative to Clock
t
CHHH
5
ns
HOLD Not Active Setup Time relative to Clock
t
HHCH
5
ns
HOLD Not Active Hold Time relative to Clock
t
CHHL
5
ns
HOLD to Output Low-Z
t
HHQX
(3)
tLZ
7
ns
HOLD to Output High-Z
t
HLQZ
(3)
tHZ
12
ns
Write Protect Setup Time Before CS Low
t
WHSL
(5)
20
ns
Write Protect Setup Time After CS High
tSHWL
(5)
100
ns
CS High to Power Down Mode
t
DP
(3)
3
µs
CS High to Standby Mode without
Electronic Signature Read
t
RES1
(3)
3
µs
CS High to Standby Mode with
Electronic Signature Read
t
RES2
(3)
1.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com