Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 126 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 126 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 120Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 121Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 122Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 123Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 124Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 125Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 126Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 127Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 128Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 126 of 128
Table 126. WAKEPIN_EVT, Register Address: 0x80CC
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
CFG_WAKEPIN_EVT_DET
Configure the WAKE Pin Function.
0x0
R/W
0: the WAKE pin is configured as the normal wake function.
1: the WAKE pin is configured as the event detector.
Table 127. SYSCRC_EN, Register Address: 0x80D0
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
SYSCRC_EN
System Register CRC Enable Control.
0x0
R/W
0: disable the system register CRC periodic check.
1: enable the system register CRC periodic check.
Table 128. VM_TYP_CONFIGURATION, Register Address: 0x80D4
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:2]
VM1_TYP
VM1 Typical Configuration.
0x0
R/W
00: neither the undervoltage nor the overvoltage thresholds are effective on VM1.
01: only the undervoltage threshold is effective on VM1.
10: only the overvoltage threshold is effective on VM1.
11: both the undervoltage and the overvoltage thresholds are effective on VM1 and act as
window monitors.
[1:0]
VM0_TYP
VM0 Typical Configuration.
0x0
R/W
00: neither the undervoltage nor the overvoltage thresholds are effective on VM0.
01: only the undervoltage threshold is effective on VM0.
10: only the overvoltage threshold is effective on VM0.
11: both the undervoltage and the overvoltage thresholds are effective on VM0 and act as
window monitor.
Table 129. FUSE_PERIOD_CHK_TIMER, Register Address: 0x80D8
Bits
Bit Name
Description
Reset
Access
[31:10]
RESERVED
Reserved.
0x0
R
[9:0]
FUSE_PERIOD_CHK_TIMER
Diagnose Control Block ECC/CRC Periodical Check Timer Counter (ms).
0x96
R/W
Table 130. SPI_PIN_CTRL, Register Address: 0x80F0
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
3
STATUS_SPI_CTRL_DATA
Control STATUS Pin Status.
0x0
R/W
1: high.
0: low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com