Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 128 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 120Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 121Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 122Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 123Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 124Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 125Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 126Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 127Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 128Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 128 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 128 of 128
OUTLINE DIMENSIONS
BOTTOM VIEW
8.10
8.00 SQ
7.90
TOP VIEW
SIDE VIEW
0.924
0.864
0.804
0.214
0.184
0.154
0.680 REF
SEATING
PLANE
1
14
15
28
29
42
43
56
0.50
BSC
0.10
REF
0.10
REF
1.48
1.32
1.80
1.00
0.230 SQ
6.50 REF
SQ
0.30
0.25
0.20
0.375
0.325
0.275
0.600
0.550
0.500
0.900
0.850
0.800
0.85
0.80 SQ
0.75
PIN 1
INDICATOR
PIN 1
INDICATOR
AREA
Figure 97. 56-Terminal Land Grid Array [LGA]
(CC-56-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Package Quantity
ADP5140WACCZ-R7
−40°C to +150°C
56-Terminal Land Grid Array [LGA]
CC-56-2
750
ADP5140-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADP5140W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for these models.
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D24686-8/22(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com