Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 11Page - NXP Semiconductors PCA9420BS Datasheet HTML 12Page - NXP Semiconductors PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
• All settings for LDO1/LDO2/SW1/SW2 set to Mode 0 settings
2. nEN_CHG_IN_WATCHDOG=1: when the watchdog timer expires, the following operations are expected.
• The SYSRSTn signal asserted (high to low)
• Charging is suspended
• All settings for LDO1/LDO2/SW1/SW2 set to Mode 0 settings
The following events reset the watchdog timer:
1. When WD_TIMER_CLR bit is set to 3b’001 at 0Dh register
2. When the device changes the mode settings
8.12 Regulators
There are four regulators on PCA9420, which include two buck regulators and two LDOs. Table 5 shows the
outline for each regulator:
Regulator name
Output regulation voltage range
Adjustable resolution
Max output current
SW1 (Core Buck)
0.5 V to 1.5 V and a fixed 1.8 V
25 mV/step
Up to 250 mA
SW2 (System Buck)
1.5 V to 2.1 V or 2.7 V to 3.3 V
25 mV/step
Up to 500 mA
LDO1 (Always-on LDO) 1.7 V to 1.9 V
25 mV/step
Up to 1 mA
LDO2 (System LDO)
1.5 V to 2.1 V or 2.7 V to 3.3 V
25 mV/step
Up to 250 mA
Table 5.  Regulator summary
For each rail, its output target voltage can be set independently in mode setting 0, 1, 2 or 3. User can also
choose to switch among any of the mode settings.
8.12.1 Enable/disable and active discharge
Enable/disable: Each rail can be enabled/disabled via I2C register setting independently in each mode setting.
Active discharge: Additionally, there is an active discharge resistor on each rail, and the user can choose to
enable/disable such feature through I2C register setting, so that when the output rail is disabled, it can quickly
discharge the output voltage to ground. In addition, the active discharge is also enabled during voltage step
down. This can be disabled by MTP bit.
If the active discharge bleeding resistor is enabled AND there is a change of the Buck regulators' output voltage
to a lower value (i.e. from 0.9 V to 0.75 V) there could be a small voltage peak of 5 % higher than the initial
voltage (for 10 µs) during the transition. If this behavior is not desired, the bleeding resistor can be disabled
(nEN_SW1_BLEED = 1 or nEN_SW2_BLEED = 1) but with the effect of a potentially longer transition to the
new voltage of the buck regulator output
8.12.2 Power-good indication
There is an output voltage comparator for each rail, comparing the actual output voltage against 90 % and
110 % of its target value; when the actual voltage is between 90 % and 110 % of its target value, the read-
only related bits in I2C register, Regulator Status_1 (address: 20h) are updated accordingly to report the output
voltage status (Power-good Indication). These comparators can be enabled/disabled by setting I2C register
bit, PG_EN. A corresponding interrupt is triggered if unmasked. During steady state, only 90 % threshold is
monitored.
The power-good indication is shown as “not good”, and refreshes upon the completion of any of the following
events:
1. During the power-up sequence stage
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
15 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com