Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors PCA9420BS Datasheet HTML 27Page - NXP Semiconductors PCA9420BS Datasheet HTML 28Page - NXP Semiconductors PCA9420BS Datasheet HTML 29Page - NXP Semiconductors PCA9420BS Datasheet HTML 30Page - NXP Semiconductors PCA9420BS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
4
DEV_ID [1]
0
R
3
DEV_ID [0]
0
R
2
DEV_REV [2]
0
R
1
DEV_REV [1]
0
R
0
DEV_REV [0]
1
R
Device revision
Table 9. DEV_INFO register bit description...continued
9.5.2 Top level interrupt status (TOP_INT, address 01h)
The top-level interrupt register contains flags indicating various top level interrupt events as indicated below.
An event latches and only its first occurrence triggers the interrupt signal INTB (if it is not being masked).
Reoccurring events do not change the flag's status or trigger an additional interrupt. If multiple interrupt events
happen, its corresponding interrupt bits in the related registers are “triggered”, however, the INTB signal is only
triggered upon the first interrupt event.
The interrupt event reporting on the device is structured in a two-layer configuration. The interrupt events are
grouped as (1) system level; (2) charger block; (3) buck regulator block; (4) LDO block. When any interrupt
event is triggered, based on which mode it falls into, the related bit for that mode in TOP_INT flags “1”. Any of
the related bits in TOP_INT only change back to 0 when all the interrupt events in its affiliated mode have been
cleared.
This is READ Only register.
Bit
Symbol
Default value
Type
Function
7
RSVD
0
R
Reserved bit
6
RSVD
0
R
Reserved bit
5
RSVD
0
R
Reserved bit
4
RSVD
0
R
Reserved bit
3
SYS_INT
0
R
System level interrupt event trigger indication from events reflected on
Sub level interrupt_0 register.
0: no system level interrupt event triggered
1: system level interrupt event triggered
2
CHG_INT
0
R
Linear battery charger block interrupt event trigger indication
0: no linear battery charger block interrupt event triggered
1: linear battery charger block interrupt event triggered
1
SW_INT
0
R
Buck regulator blocks (SW1, SW2) interrupt event trigger indication
0: no interrupt event on SW1 and/or SW2 blocks triggered
1: interrupt event on SW1 and/or SW2 blocks triggered
0
LDO_INT
0
R
LDO block (LDO1, LDO2) interrupt event trigger indication
0: no interrupt event on LDO1 and/or LDO2 blocks triggered
1: interrupt event on LDO1 and/or LDO2 blocks triggered
Table 10. TOP_INT register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
27 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com